Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7391 Datasheet(PDF) 66 Page - Analog Devices

Part # ADV7391
Description  Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADV7391_15 Datasheet HTML 62Page - Analog Devices ADV7391_15 Datasheet HTML 63Page - Analog Devices ADV7391_15 Datasheet HTML 64Page - Analog Devices ADV7391_15 Datasheet HTML 65Page - Analog Devices ADV7391_15 Datasheet HTML 66Page - Analog Devices ADV7391_15 Datasheet HTML 67Page - Analog Devices ADV7391_15 Datasheet HTML 68Page - Analog Devices ADV7391_15 Datasheet HTML 69Page - Analog Devices ADV7391_15 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Data Sheet
ED/HD Input
Sync Format
(Subaddress
0x30, Bit 2)
ED/HD VSYNC
Control
(Subaddress
0x34, Bit 2)
ED/HD Sync
Output Enable
(Subaddress
0x02, Bit 7)
SD Sync
Output Enable
(Subaddress
0x02, Bit 6)
Video Standard
Signal on VSYNC Pin
Duration
X
1
1
X
All ED/HD standards
except 525p
Pipelined ED/HD VSYNC
based on the vertical
counter
Aligned with
serration lines.
X
1
1
X
525p
Pipelined ED/HD VSYNC
based on the vertical
counter
Vertical blanking
interval.
1
In all ED/HD standards where there is a VSYNC output, the start of the VSYNC pulse is aligned with the falling edge of the embedded VSYNC in the output video.
2
X = don’t care.
LOW POWER MODE
Subaddress 0x0D, Bits[2:0]
For power-sensitive applications, the ADV739x supports an
Analog Devices, Inc., proprietary low power mode of operation.
To use this low power mode, the DACs must be operating in
full-drive mode (RSET = 510 Ω, RL = 37.5 Ω). Low power mode is
not available in low-drive mode (RSET = 4.12 kΩ, RL = 300 Ω).
Low power mode can be independently enabled or disabled on
each DAC using Subaddress 0x0D, Bits[2:0]. Low power mode
is disabled by default on all DACs.
In low-power mode, DAC current consumption is content
dependent and, on a typical video stream, it can be reduced by
as much as 40%. For applications requiring the highest possible
video performance, low power mode should be disabled.
CABLE DETECTION
Subaddress 0x10, Bits[1:0]
The ADV739x includes an Analog Devices proprietary cable
detection feature. The cable detection feature is available on
DAC 1 and DAC 2 when operating in full-drive mode (RSET =
510 Ω, RL = 37.5 Ω, assuming a connected cable). The feature is
not available in low-drive mode (RSET = 4.12 kΩ, RL = 300 Ω).
For a DAC to be monitored, the DAC must be powered up in
Subaddress 0x00.
The cable detection feature can be used with all SD, ED, and
HD video standards. It is available for all output configurations,
that is, CVBS, Y-C, YPrPb, and RGB output configurations.
For CVBS/Y-C output configurations, both DAC 1 and DAC 2
are monitored; that is, the CVBS and Y-C luma outputs are
monitored. For YPrPb and RGB output configurations, only
DAC 1 is monitored; that is, the luma or green output is
monitored.
Once per frame, the ADV739x monitors DAC 1 and/or DAC 2,
updating Subaddress 0x10, Bit 0 and/or Bit 1, respectively. If a
cable is detected on one of the DACs, the relevant bit is set to 0.
If not, the bit is set to 1.
DAC AUTOPOWER-DOWN
Subaddress 0x10, Bit 4
For power-sensitive applications, a DAC autopower-down
feature can be enabled using Subaddress 0x10, Bit 4. This
feature is available only when the cable detection feature is
enabled.
With this feature enabled, the cable detection circuitry monitors
DAC 1 and/or DAC 2 once per frame and, if they are
unconnected, automatically powers down some or all of the
DACs. Which DAC or DACs are powered down depends on the
selected output configuration. For CVBS/Y-C output configur-
ations, if DAC 1 is unconnected, only DAC 1 powers down. If
DAC 2 is unconnected, DAC 2 and DAC 3 power down.
For YPrPb and RGB output configurations, if DAC 1 is uncon-
nected, all three DACs are powered down. DAC 2 is not monitored
for YPrPb and RGB output configurations.
Once per frame, DAC 1 and/or DAC 2 is monitored. If a cable is
detected, the appropriate DAC or DACs remain powered up for
the duration of the frame. If no cable is detected, the appropriate
DAC or DACs power down until the next frame, when the
process is repeated.
SLEEP MODE
Subaddress 0x00, Bit 0
In sleep mode, most of the digital I/O pins of the ADV739x are
disabled. For inputs, this means that the external data is
ignored, and internally the logic normally driven by a given
input is just tied low or high. This includes CLKIN.
For digital output pins, this means that the pin goes into tristate
(high impedance) mode.
There are some exceptions to allow the user to continue to
communicate with the part via I2C: the RESET, ALSB, SDA and
SCL pins are kept alive.
Most of the analogue circuitry is powered down when in sleep
mode. In addition, the cable detect feature no longer works as
the DACs are powered down.
Sleep mode is enabled using Subaddress 0x00, Bit 0.
Rev. H | Page 66 of 108


Similar Part No. - ADV7391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7391BCPZ AD-ADV7391BCPZ Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7391BCPZ-REEL AD-ADV7391BCPZ-REEL Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7391EBZ AD-ADV7391EBZ Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
More results

Similar Description - ADV7391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com