Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7324 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7324
Description  Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7324 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7324_15 Datasheet HTML 2Page - Analog Devices ADV7324_15 Datasheet HTML 3Page - Analog Devices ADV7324_15 Datasheet HTML 4Page - Analog Devices ADV7324_15 Datasheet HTML 5Page - Analog Devices ADV7324_15 Datasheet HTML 6Page - Analog Devices ADV7324_15 Datasheet HTML 7Page - Analog Devices ADV7324_15 Datasheet HTML 8Page - Analog Devices ADV7324_15 Datasheet HTML 9Page - Analog Devices ADV7324_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
ADV7324
Rev. 0 | Page 6 of 92
SPECIFICATIONS
VAA = 2.375 V to 2.625 V, VDD = 2.375 V to 2.625 V, VDD_IO = 2.375 V to 3.6 V, VREF = 1.235 V, RSET = 3040 Ω, RLOAD = 150 Ω. All
specifications TMIN to TMAX (0°C to 70°C), unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE1
Resolution
14
Bits
Integral Nonlinearity
2.0
LSB
Differential Nonlinearity,2 +ve
1.0
LSB
Differential Nonlinearity,2 −ve
3.0
LSB
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4 [0.4]3
V
ISINK = 3.2 mA
Output High Voltage, VOH
2.4 [2.0]3
V
ISOURCE = 400 µA
Three-State Leakage Current
±1.0
µA
VIN = 0.4 V, 2.4 V
Three-State Output Capacitance
2
pF
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Leakage Current
10
µA
VIN = 2.4 V
Input Capacitance, CIN
2
pF
ANALOG OUTPUTS
Full-Scale Output Current
4.1
4.33
4.6
mA
Output Current Range
4.1
4.33
4.6
mA
DAC-to-DAC Matching
1.0
%
Output Compliance Range, VOC
0
1.0
1.4
V
Output Capacitance, COUT
7
pF
VOLTAGE REFERENCE
Internal Reference Range, VREF
1.15
1.235
1.3
V
External Reference Range, VREF
1.15
1.235
1.3
V
VREF Current4
±10
µA
POWER REQUIREMENTS
Normal Power Mode
IDD5
137
mA
SD only (16×)
78
mA
PS only (8×)
73
mA
HDTV only (2×)
140
1906
mA
SD (16×, 10-bit) + PS (8×, 20-bit)
IDD_IO
1.0
mA
IAA7, 8
37
45
mA
Sleep Mode
IDD
80
µA
IAA
7
µA
IDD_IO
250
µA
POWER SUPPLY REJECTION RATIO
0.01
%/%
1 Oversampling disabled. Static DAC performance improves with increased oversampling ratios.
2 DNL measures the deviation of the actual DAC output voltage step from the ideal. For +ve DNL, the actual step value lies above the ideal step value; for −ve DNL, the
actual step value lies below the ideal step value.
3 For values in brackets, VDD_IO = 2.375 V to 2.75 V.
4 External current required to overdrive internal VREF.
5 IDD, the circuit current, is the continuous current required to drive the digital core.
6 Guaranteed maximum by characterization.
7 All DACs on.
8 IAA is the total current required to supply all DACs, including the VREF circuitry and the PLL circuitry.


Similar Part No. - ADV7324_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7324KSTZ AD-ADV7324KSTZ Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
More results

Similar Description - ADV7324_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com