Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F363AEDFA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F363AEDFA
Description  RENESAS MCU
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AEDFA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F363AEDFA Datasheet HTML 2Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 3Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 4Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 5Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 6Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 7Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 8Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 9Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 6 of 115
Nov 01, 2012
M16C/63 Group
1. Overview
1.3
Product List
Table 1.5 lists product information. Figure 1.1 shows the Part No., with Memory Size and Package, and
Figure 1.2 and Figure 1.3 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
PTLG0100KA-A: 100F0M
PLQP0080KB-A: 80P6Q-A
Table 1.5
Product List
As of November, 2012
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F363A6NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F363A6NFB
PLQP0100KB-A
R5F363A6NLG
PTLG0100KA-A
R5F363B6NFE
PLQP0080KB-A
R5F363A6DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363A6DFB
PLQP0100KB-A
R5F363B6DFE
PLQP0080KB-A
R5F363AENFA
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PRQP0100JD-B
Operating
temperature
-20°C to 85°C
R5F363AENFB
PLQP0100KB-A
R5F363AENLG
PTLG0100KA-A
R5F363BENFE
PLQP0080KB-A
R5F363AEDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363AEDFB
PLQP0100KB-A
R5F363BEDFE
PLQP0080KB-A
R5F363AKNFA
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F363AKNFB
PLQP0100KB-A
R5F363AKNLG
PTLG0100KA-A
R5F363AKDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363AKDFB
PLQP0100KB-A
R5F363AMNFA
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F363AMNFB
PLQP0100KB-A
R5F363AMNLG
PTLG0100KA-A
R5F363AMDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F363AMDFB
PLQP0100KB-A


Similar Part No. - R5F363AEDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F363AEDFA RENESAS-R5F363AEDFA Datasheet
2Mb / 115P
   RENESAS MCU
R5F363AEDFA RENESAS-R5F363AEDFA Datasheet
918Kb / 119P
   This MCU consumes low power, and supports operating modes
More results

Similar Description - R5F363AEDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com