Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFP25N05 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. RFP25N05
Description  25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

RFP25N05 Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-507
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0.1
1
10
10
0.01
100
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS-VDD) +1]
0
10
30
0
24
6
8
40
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5V
VGS = 6V
VGS = 7V
VGS = 20V
60
70
VGS = 8V
VGS = 10V
50
20
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 5V
DUTY CYCLE = 0.5% MAX
04
6
8
10
2
0
10
30
40
VGS, GATE TO SOURCE VOLTAGE (V)
50
70
175oC
-55oC
25oC
60
20
VDD = 15V
PULSE DURATION 80
µs
DUTY CYCLE = 0.5% MAX
0
0.5
1
1.5
2
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
2.5
VGS = 10V, ID = 25A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
0
0.5
1
2
TJ, JUNCTION TEMPERATURE (
oC)
200
1.5
VGS = VDS
ID = 250µA
2
1.5
1
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
ID = 250µA
RFP25N05


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn