Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7321 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 5 Page - Analog Devices

  ADV7321_15 Datasheet HTML 1Page - Analog Devices ADV7321_15 Datasheet HTML 2Page - Analog Devices ADV7321_15 Datasheet HTML 3Page - Analog Devices ADV7321_15 Datasheet HTML 4Page - Analog Devices ADV7321_15 Datasheet HTML 5Page - Analog Devices ADV7321_15 Datasheet HTML 6Page - Analog Devices ADV7321_15 Datasheet HTML 7Page - Analog Devices ADV7321_15 Datasheet HTML 8Page - Analog Devices ADV7321_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
ADV7320/ADV7321
Rev. A | Page 5 of 88
CLKIN_A
P_HSYNC
P_VSYNC
P_BLANK
S_HSYNC
S_VSYNC
S_BLANK
CLKIN_B
HD PIXEL
INPUT
SD PIXEL
INPUT
LUMA
AND
CHROMA
FILTERS
Y
CB
CR
TEST
PATTERN
DNR
GAMMA
SYNC
INSERTION
PS 8
×
HDTV 2
×
RGB
MATRIX
SD 16
×
2
× OVER-
SAMPLING
DAC
DAC
DAC
DAC
DAC
DAC
FSC
MODU-
LATION
CGMS
WSS
COLOR
CONTROL
DE-
INTER-
LEAVE
Y
CB
CR
DE-
INTER-
LEAVE
TEST
PATTERN
Y COLOR
CR COLOR
CB COLOR
TIMING
GENERATOR
TIMING
GENERATOR
CLOCK
CONTROL
AND PLL
4:2:2
TO
4:4:4
SHARPNESS
AND
ADAPTIVE
FILTER
CONTROL
UV SSAF
V
U
Figure 2. Detailed Functional Block Diagram
TERMINOLOGY
SD: standard definition video, conforming to
ITU-R BT.601/ITU-R BT.656.
HD: high definition video, that is, 720p/1080i/1035i.
EDTV: enhanced definition television (525p/625p).
PS: progressive scan video, conforming to SMPTE 293M,
ITU-R BT.1358, BTA T-1004 EDTV2, or ITU-R BT.13621362.
HDTV: high definition television video, conforming to SMPTE
274M, or SMPTE 296M and SMPTE 240M.
YCrCb SD, PS, or HD component: digital video.
YPrPb SD, PS, or HD component: analog video.


Similar Part No. - ADV7321_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7321KSTZ AD-ADV7321KSTZ Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
More results

Similar Description - ADV7321_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com