Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7320 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7320
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7320 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7320_15 Datasheet HTML 6Page - Analog Devices ADV7320_15 Datasheet HTML 7Page - Analog Devices ADV7320_15 Datasheet HTML 8Page - Analog Devices ADV7320_15 Datasheet HTML 9Page - Analog Devices ADV7320_15 Datasheet HTML 10Page - Analog Devices ADV7320_15 Datasheet HTML 11Page - Analog Devices ADV7320_15 Datasheet HTML 12Page - Analog Devices ADV7320_15 Datasheet HTML 13Page - Analog Devices ADV7320_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ADV7320/ADV7321
Rev. A | Page 10 of 88
t9
t11
CLKIN_A
C9–C0
t10
t12
P_HSYNC,
P_VSYNC,
P_BLANK
CONTROL
INPUTS
G0
G1
G2
G3
G4
G5
B0
B1
B2
B3
B4
B5
R0
R1
R2
R3
R4
R5
Y9–Y0
t14
CONTROL
OUTPUTS
t13
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
t13 = HD OUTPUT ACCESS TIME
t14 = HD OUTPUT HOLD TIME
S9–S0
Figure 5. HD RGB 4:4:4 Input Mode (Input Mode 010)
t9
t11
t10
t12
t11
t12
t13
t14
CLKIN_B*
*CLKIN_B MUST BE USED IN THIS PS MODE.
Y9–Y0
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
t13 = HD OUTPUT ACCESS TIME
t14 = HD OUTPUT HOLD TIME
CONTROL
INPUTS
CONTROL
OUTPUTS
Yxxx
Crxxx
Y1
Cr0
Y0
Cb0
P_HSYNC,
P_VSYNC,
P_BLANK
Figure 6. PS 4:2:2 10-Bit Interleaved at 27 MHz HSYNC/VSYNC Input Mode (Input Mode 100)


Similar Part No. - ADV7320_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7320KSTZ AD-ADV7320KSTZ Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
More results

Similar Description - ADV7320_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com