Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFP15N08L Datasheet(PDF) 4 Page - Intersil Corporation

Part No. RFP15N08L
Description  15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP15N08L Datasheet(HTML) 4 Page - Intersil Corporation

  RFP15N08L Datasheet HTML 1Page - Intersil Corporation RFP15N08L Datasheet HTML 2Page - Intersil Corporation RFP15N08L Datasheet HTML 3Page - Intersil Corporation RFP15N08L Datasheet HTML 4Page - Intersil Corporation RFP15N08L Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6-237
FIGURE 7. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 8. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 9. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 10. SWITCHING TIME TEST CIRCUIT
FIGURE 11. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
VGS = VDS
ID = 250µA
1.4
1.2
1
0.8
0.6
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
1600
1400
1200
1000
800
600
400
200
0
0
1020
304050
VDS, DRAIN TO SOURCE VOLTAGE (V)
CRSS
COSS
CISS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
60
45
30
15
0
10
8
6
4
2
0
GATE SOURCE
VOLTAGE
RL = 4Ω
IG(REF) = 0.5mA
VGS = 5V
DRAIN SOURCE VOLTAGE
IG (REF)
IG (ACT)
20
IG (REF)
IG (ACT)
80
t, TIME (
µs)
BVDSS
VDD = BVDSS
VDD = BVDSS
0.75BVDSS
0.50BVDSS
0.25BVDSS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFP15N08L


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn