Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP14N06 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP14N06
Description  14A, 60V, 0.100 Ohm, N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP14N06 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP14N06 Datasheet HTML 1Page - Intersil Corporation RFP14N06 Datasheet HTML 2Page - Intersil Corporation RFP14N06 Datasheet HTML 3Page - Intersil Corporation RFP14N06 Datasheet HTML 4Page - Intersil Corporation RFP14N06 Datasheet HTML 5Page - Intersil Corporation RFP14N06 Datasheet HTML 6Page - Intersil Corporation RFP14N06 Datasheet HTML 7Page - Intersil Corporation RFP14N06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-494
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
8
4
0
25
50
75
100
125
150
12
TC, CASE TEMPERATURE (
oC)
16
175
t, RECTANGULAR PULSE DURATION (s)
10-3
10-2
10-1
100
0.01
0.1
1
10-5
101
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
PDM
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
10-4
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
1
100
10
1
DC
100
µs
100ms
1ms
10ms
200
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
t, PULSE WIDTH (s)
10
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 20V
100
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
II
25
175
T
C
150
---------------------



=
TC = 25
oC
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
RFP14N06


Similar Part No. - RFP14N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP14N06L INTERSIL-RFP14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFP14N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
logo
Shindengen Electric Mfg...
P14FE6SBK SHINDENGEN-P14FE6SBK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 14A, N-channel
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
   N-Channel MOSFET 650V, 14A, 0.46(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com