Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7191 Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7191
Description  Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7191_15 Datasheet HTML 37Page - Analog Devices ADV7191_15 Datasheet HTML 38Page - Analog Devices ADV7191_15 Datasheet HTML 39Page - Analog Devices ADV7191_15 Datasheet HTML 40Page - Analog Devices ADV7191_15 Datasheet HTML 41Page - Analog Devices ADV7191_15 Datasheet HTML 42Page - Analog Devices ADV7191_15 Datasheet HTML 43Page - Analog Devices ADV7191_15 Datasheet HTML 44Page - Analog Devices ADV7191_15 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
REV. B
ADV7190/ADV7191
–41–
DNR2 BIT DESCRIPTION
DNR Input Select (DNR20–DNR22)
Three bits are assigned to select the filter that is applied to the
incoming Y data. The signal that lies in the passband of the
selected filter is the signal that will be DNR processed. Figure
81 shows the filter responses selectable with this control.
FREQUENCY – MHz
1
0.4
0.6
0.2
01
234
6
5
0.8
0
FILTER D
FILTER C
FILTER A
FILTER B
Figure 81. Filter Response of Filters Selectable
DNR Mode Control (DNR23)
This bit controls the DNR mode selected. A Logic 0 selects
DNR mode, a Logic 1 selects DNR Sharpness mode.
DNR works on the principle of defining low amplitude, high-
frequency signals as probable noise and subtracting this noise
from the original signal.
In DNR mode, it is possible to subtract a fraction of the signal
that lies below the set threshold, assumed to be noise, from
the original signal. The threshold is set in DNR Register 1.
When DNR Sharpness mode is enabled it is possible to add a
fraction of the signal that lies above the set threshold to the
original signal, since this data is assumed to be valid data and
not noise. The overall effect being that the signal will be boosted
(similar to using Extended SSAF Filter).
FILTER OUTPUT
< THRESHOLD ?
GAIN CONTROL
BLOCK SIZE CONTROL
BORDER AREA
BLOCK OFFSET
GAIN
CORING GAIN DATA
CORING GAIN BORDER
FILTER BLOCK
FILTER OUTPUT
> THRESHOLD
DNR
OUT
MAIN SIGNAL PATH
Y DATA
INPUT
NOISE SIGNAL PATH
SUBTRACT
SIGNAL IN
THRESHOLD
RANGE
FROM
ORIGINAL
SIGNAL
DNR
MODE
FILTER OUTPUT
> THRESHOLD ?
GAIN CONTROL
BLOCK SIZE CONTROL
BORDER AREA
BLOCK OFFSET
GAIN
CORING GAIN DATA
CORING GAIN BORDER
FILTER BLOCK
FILTER OUTPUT
< THRESHOLD
DNR
OUT
MAIN SIGNAL PATH
Y DATA
INPUT
NOISE SIGNAL PATH
ADD
SIGNAL
ABOVE
THRESHOLD
RANGE
TO
ORIGINAL
SIGNAL
DNR
SHARPNESS
MODE
Figure 82. Block Diagram for DNR Mode and DNR Sharp-
ness Mode
Block Offset (DNR24–DNR27)
Four bits are assigned to this control which allows a shift of the
data block of 15 pixels maximum. Consider the coring gain posi-
tions fixed. The block offset shifts the data in steps of one pixel
such that the border coring gain factors can be applied at the same
position regardless of variations in input timing of the data.
O X X X X X X O
O X X X X X X O
APPLY DATA
CORING GAIN
APPLY BORDER
CORING GAIN
OFFSET
CAUSED BY
VARIATIONS IN
INPUT TIMING
DNR27 – DNR24
= 01 HEX
O X X X X X X O
O X X X X X X O
O X X X X X X O
O X X X X X X O
Figure 83. DNR27–DNR24, Block Offset Control
DNR17
DNR16
DNR15
DNR14
DNR13
DNR12
DNR11
DNR10
DNR THRESHOLD
DNR DNR DNR DNR DNR DNR
15
14
13
12
11
10
0
0
0
0
0
0
0
0000
0
11
••••
••••
••••
1111
1
062
1111
1
163
02 PIXELS
14 PIXELS
DNR16
BORDER AREA
08 PIXELS
1
16 PIXELS
DNR17
BLOCK SIZE
CONTROL
Figure 80. DNR Register 1


Similar Part No. - ADV7191_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7191KST AD-ADV7191KST Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7191KST AD-ADV7191KST Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

Similar Description - ADV7191_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com