Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP7N35 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP7N35
Description  7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP7N35 Datasheet(HTML) 2 Page - Intersil Corporation

  RFP7N35 Datasheet HTML 1Page - Intersil Corporation RFP7N35 Datasheet HTML 2Page - Intersil Corporation RFP7N35 Datasheet HTML 3Page - Intersil Corporation RFP7N35 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFM7N35
RFM7N40
RFP7N35
RFP7N40
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
350
400
350
400
V
Drain to Gate Voltage (RGS = 1MΩ) (Note 1). . . . . . . . . . . . . . . . . . . VDGR
350
400
350
400
V
Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
77
7
7
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
15
15
15
15
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
100
100
75
75
W
Linear Derating Factor (Above 25oC) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.8
0.8
0.6
0.6
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 (for TO-220) . . . . . . . . . . Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
RFM7N35, RFP7N35
350
-
-
V
RFM7N40, RFP7N40
400
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 8)
2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, TC = 25
oC-
-
1
µA
VDS = 0.8 x Rated BVDSS, TC = 125
oC-
-
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 7A, VGS = 10V (Figures 6, 7)
-
-
0.75
Drain to Source On Voltage (Note 2)
VDS(ON)
ID = 7A, VGS = 10V
-
-
5.25
V
Turn-On Delay Time
td(ON)
VDS = 200V, ID 3.5A, RG = 50Ω,
RL = 56Ω, VGS = 10V
(Figures 10, 11, 12)
-16
45
ns
Rise Time
tr
-54
75
ns
Turn-Off Delay Time
td(OFF)
-
170
250
ns
Fall Time
tf
-
62
100
ns
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 9)
-
-
1600
pF
Output Capacitance
COSS
-
-
300
pF
Reverse-Transfer Capacitance
CRSS
-
-
200
pF
Thermal Resistance Junction to Case
RθJC
RFM7N35, RFM7N40
-
-
1.25
oC/W
RFP7N35, RFP7N40
-
-
1.67
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 7A
-
-
1.4
V
Reverse Recovery Time
trr
ISD = 7A, dISD/dt = 100A/µs
-
870
-
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFM7N35, RFM7N40, RFP7N35, RFP7N40


Similar Part No. - RFP7N35

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP70N03 INTERSIL-RFP70N03 Datasheet
142Kb / 16P
   70A, 30V, 0.010 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFP70N03 ISC-RFP70N03 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFP70N06 FAIRCHILD-RFP70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP70N06 INTERSIL-RFP70N06 Datasheet
71Kb / 8P
   70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs
More results

Similar Description - RFP7N35

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com