Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP6N50 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP6N50
Description  6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP6N50 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP6N50 Datasheet HTML 1Page - Intersil Corporation RFP6N50 Datasheet HTML 2Page - Intersil Corporation RFP6N50 Datasheet HTML 3Page - Intersil Corporation RFP6N50 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-3
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs DRAIN
CURRENT
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
7
6
5
4
3
2
1
0
100
1000
10
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
0.1
1
10
OPERATION IN THIS AREA
MAY BE LIMITED BY rDS(ON)
DC OPERATION
100W
75W
TC =25
oC
VDSS (Max) 450V RFM6N45, RFP6N45
VDSS (MAX) 500V RFP6N50
0
6
8
101214
VDS, DRAIN TO SOURCE VOLTAGE (V)
12
4
2
10
8
6
4
2
0
PULSE DURATION = 80
µs
VGS = 5V
VGS = 4V
VGS = 6V
VGS = 7 V to 10V
TC = 25
oC
DUTY CYCLE
≤ 2%
25oC
VDS = 20V
80
µs PULSE TEST
DUTY CYCLE
≤ 2%
10
6
2
02
4
6
VGS, GATE TO SOURCE VOLTAGE (V)
14
0
125oC
-40oC
02
8
12
14
ID, DRAIN CURRENT (A)
2.4
2.0
1.6
1.2
0.8
0.4
0
-40oC
25oC
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
46
10
125oC
RFM6N45, RFP6N45, RFP6N50


Similar Part No. - RFP6N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP60N06 INTERSIL-RFP60N06 Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP60P03 FAIRCHILD-RFP60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP60P03 INTERSIL-RFP60P03 Datasheet
88Kb / 7P
   60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
logo
List of Unclassifed Man...
RFP6P08 ETC-RFP6P08 Datasheet
445Kb / 8P
   P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - RFP6N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
Intersil Corporation
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
   6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com