Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP4N35 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP4N35
Description  4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP4N35 Datasheet(HTML) 2 Page - Intersil Corporation

  RFP4N35 Datasheet HTML 1Page - Intersil Corporation RFP4N35 Datasheet HTML 2Page - Intersil Corporation RFP4N35 Datasheet HTML 3Page - Intersil Corporation RFP4N35 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Absolute Maximum Ratings
TC = 25
oC Unless Otherwise Specified
RFM4N35
RFM4N40
RFP4N35
RFP4N40
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
350
400
350
400
V
Drain to Gate Voltage (RGS = 1MΩ) (Note 1) . . . . . . . . . . . . . . . VDGR
350
400
350
400
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
4444
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
8888
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
75
75
60
60
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.6
0.6
0.48
0.48
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . TJ,TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 (for TO-220) . . . . . . . .Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0
RFM4N40, RFP4N40
400
-
-
V
RFM4N35, RFP4N35
350
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS , ID = 250µA (Figure 8)
2
-
4
V
Zero-Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS
--
1
µA
VDS = 0.8 x Rated BVDSS, TC = 125
oC-
-
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 4A, VGS = 10V (Figures 6, 7)
-
-
2.000
Drain to Source On-Voltage (Note 2)
VDS(ON)
ID = 4A, VGS = 10V
-
-
8
V
Turn-On Delay Time
tD(ON)
VDD = 200V, ID = 2A, RG = 50Ω
RL = 100Ω, VGS = 10V
(Figures 10, 11, 12)
-12
45
ns
Rise Time
tr
-42
60
ns
Turn-Off Delay Time
tD(OFF)
-
130
200
ns
Fall Time
tf
-
62
100
ns
Input Capacitance
CISS
VDS = 25V,
VGS = 0V
f = 1MHz (Figure 9)
-
-
750
pF
Output Capacitance
COSS
-
-
150
pF
Reverse-Transfer Capacitance
CRSS
-
-
100
pF
Thermal Resistance Junction to Case
R
θJC
RFM4N35, RFM4N40
-
-
1.67
oC/W
RFP4N35, RFP4N40
-
-
2.083
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 2A
-
-
1.4
V
Reverse Recorvery Time
trr
ISD = 4A, dISD/dt = 100A/µs
-
800
-
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFM4N35, RFM4N40, RFP4N35, RFP4N40


Similar Part No. - RFP4N35

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP4N35 VBSEMI-RFP4N35 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - RFP4N35

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com