Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RFL1P08 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. RFL1P08
Description  1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

RFL1P08 Datasheet(HTML) 3 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-3
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs DRAIN
CURRENT
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
10.0
1.0
0.10
0.01
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY RDS(ON)
VDS, DRAIN TO SOURCE (V)
TC = 25
oC
3
2
1
0-2
-3
-4
-5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -6V
VGS = -5V
4
-1
VGS = -7V
VGS = -8V
VGS = -10V
VGS = -20V
VGS = -4V
PULSE DURATION = 80
µs
TC = 25
oC
0
VDS = -10V
2.5
1.5
0.5
0
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
2
1
-40oC
25oC
PULSE DURATION = 80
µs
0
125oC
125oC
25oC
-40oC
VGS = -10V
PULSE DURATION = 80
µs
ID, DRAIN CURRENT (A)
4
3
2
1
0
01
2
3
4
5
RFL1P08, RFL1P10


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn