Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG75N05E Datasheet(PDF) 6 Page - Intersil Corporation

Part # RFG75N05E
Description  75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFG75N05E Datasheet(HTML) 6 Page - Intersil Corporation

  RFG75N05E Datasheet HTML 1Page - Intersil Corporation RFG75N05E Datasheet HTML 2Page - Intersil Corporation RFG75N05E Datasheet HTML 3Page - Intersil Corporation RFG75N05E Datasheet HTML 4Page - Intersil Corporation RFG75N05E Datasheet HTML 5Page - Intersil Corporation RFG75N05E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-486
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
PSpice Electrical Model
.SUBCKT RFG75N05 2 1 3 ; rev 10/30/90
*Nominal Temperature = 25oC
CA 12 8 8.98e-9
CB 15 14 8.81e-9
Cin 6 8 4.48e-9
DPLCAP 10 5 DPLCAPMOD
Dbody 7 5 DBODYMOD
Dbreak 5 11 DBREAKMOD
Eds 14 8 5 8 1
Egs 13 8 6 8 1
Esg 6 10 6 8 1
Ebreak 11 7 17 18 58.4
EVTEMP 20 6 18 8 1
IT 8 17 1
Ldrain 2 5 e-10
Lgate 1 9 5e-9
Lsource 3 7 3e-9
Mos 16 6 8 8 MODMOD
Rbreak 17 18 RBREAKMOD 1
Rdrain 5 16 RSOURCEMOD 3.07e-3
Rgate 9 20 1.2
Rin 6 8 1e9
Rsource 8 7 RSOURCEMOD 2.e-3
RVTEMP 18 19 RVTONEGMOD 1
S1a 6 12 13 8 S1AMOD
S1b 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2b 13 15 14 13 S2AMOD
Vbat 8 19 DC 1
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2.48 VOFF=-0.48)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=0.48 VOFF=-2.48)
.MODEL S2AMOD VSWITCH (RON=1e=5 ROFF=0.1 VON=-2.25 VOFF=2.75)
.MODEL S2ABMOD VSWITCH (RON=1e-5 ROFF=0.1 VON =2.75 VOFF=-2.25)
.MODEL DBODYMOD D (IS=2.23e-12 RS=249e-3 TRS1=2.5e-3 CJO=7.55e-9 TT=4e-8)
.MODEL DBREAKMOD D (RS=8e-2 TRS1=2.5e-3)
.MODEL DPLCAPMOD D (IS=1e-30 N=10 CJO=2.14e-9)
.MODEL RBREAKMOD RES (TC1=9.5e-4 TC2=-1.17e-6)
.MODEL RSOURCEMOD RES (TC1=5.2e-3 TC2=1.37e-5)
.MODEL RVTONEGMOD RES (TC1=-3.78e-3 TC2=-7.51e-7)
.MODEL MODMOD NMOS (VTO=3.48 N=10 IS=1e-30 KP=78.5 TOX=1 L=1u W1u)
.ENDS
1
GATE
RGATE
EVTO
18
22
9
+
12
13
8
14
13
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
CIN
DBREAK
EBREAK
DBODY
DRAIN
RSOURCE
SOURCE
RBREAK
RVTEMP
VBAT
IT
ESG
DPLCAP
6
6
8
10
5
16
11
17
18
8
14
5
8
6
8
7
3
17
18
19
2
+
+
+
+
+
MOS
LSOURCE
LDRAIN
LGATE
20
8
RDRAIN
RIN
RFG75N05E


Similar Part No. - RFG75N05E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFG70N06 INTERSIL-RFG70N06 Datasheet
71Kb / 8P
   70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFG70N06 ISC-RFG70N06 Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
RFG70N06 VBSEMI-RFG70N06 Datasheet
969Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - RFG75N05E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
HUFA75652G3 FAIRCHILD-HUFA75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
STMicroelectronics
STB60NF03L STMICROELECTRONICS-STB60NF03L Datasheet
48Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
logo
Intersil Corporation
HRF3205 INTERSIL-HRF3205 Datasheet
82Kb / 8P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com