Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP50N06LE Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP50N06LE
Description  50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP50N06LE Datasheet(HTML) 1 Page - Intersil Corporation

  RFP50N06LE Datasheet HTML 1Page - Intersil Corporation RFP50N06LE Datasheet HTML 2Page - Intersil Corporation RFP50N06LE Datasheet HTML 3Page - Intersil Corporation RFP50N06LE Datasheet HTML 4Page - Intersil Corporation RFP50N06LE Datasheet HTML 5Page - Intersil Corporation RFP50N06LE Datasheet HTML 6Page - Intersil Corporation RFP50N06LE Datasheet HTML 7Page - Intersil Corporation RFP50N06LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFG50N06LE, RFP50N06LE, RF1S50N06LESM
50A, 60V, 0.022 Ohm, Logic Level
N-Channel Power MOSFETs
These N-Channel enhancement mode power MOSFETs are
manufactured using the latest manufacturing process
technology. This process, which uses feature sizes
approaching those of LSI circuits, gives optimum utilization
of silicon, resulting in outstanding performance. They were
designed for use in applications such as switching
regulators, switching converters, motor drivers, and relay
drivers. These transistors can be operated directly from
integrated circuits.
Formerly developmental type TA49164.
Features
• 50A, 60V
•rDS(ON) = 0.022Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFG50N06LE
TO-247
FG50N06L
RFP50N06LE
TO-220AB
FP50N06L
RF1S50N06LESM
TO-263AB
F50N06LE
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in tape and reel, i.e.
RF1S50N06LESM9A.
D
G
S
JEDEC STYLE TO-247
JEDEC TO-220AB
JEDEC TO-263AB
DRAIN
(BOTTOM
SIDE METAL)
SOURCE
DRAIN
GATE
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
DRAIN
(FLANGE)
GATE
SOURCE
Data Sheet
October 1999
File Number
4072.3


Similar Part No. - RFP50N06LE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP50N06LE VBSEMI-RFP50N06LE Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RFP50N06LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
   50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Intersil Corporation
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
   45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com