Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG50N05L Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFG50N05L
Description  50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFG50N05L Datasheet(HTML) 2 Page - Intersil Corporation

  RFG50N05L Datasheet HTML 1Page - Intersil Corporation RFG50N05L Datasheet HTML 2Page - Intersil Corporation RFG50N05L Datasheet HTML 3Page - Intersil Corporation RFG50N05L Datasheet HTML 4Page - Intersil Corporation RFG50N05L Datasheet HTML 5Page - Intersil Corporation RFG50N05L Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-213
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFG50N05L
RFP50N05L
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
50
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
50
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
50
130
50
130
A
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10
±10
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Above TC = 25
oC, Derate Linearly. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
0.88
110
0.88
W
W/oC
Single Pulse Avalanche Energy Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Refer to UIS SOA Curve
-
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 10)
50
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 9)
1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V, VDS = 0V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 50A, VGS = 5V (Figure 7)
-
-
0.022
ID = 50A, VGS = 4V
-
-
0.027
Turn-On Time
t(ON)
VGS = 5V, RGS = 2.5Ω, RL = 1Ω
(Figures 12, 15, 16)
-
-
100
ns
Turn-On Delay Time
tD(ON)
-15-
ns
Rise Time
tr
-50-
ns
Turn-Off Delay Time
tD(OFF)
-50-
ns
Fall Time
tf
-15-
ns
Turn-Off Time
t(OFF)
-
-
100
ns
Total Gate Charge
QG(TOT)
VGS = 0 to 10V
VDD = 40V, ID = 50A
RL = 0.8Ω
(Figures 17, 18)
-
-
140
nC
Gate Charge at 5V
QG(5)
VGS = 0 to 5V
-
-
80
nC
Threshold Gate Charge
QG(th)VGS = 0 to 1V
-
-
6
nC
Thermal Resistance Junction to Case
RθJC
-
-
1.14
oC/W
Thermal Resistance Junction to Ambient
RθJA
--
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 50A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 50A, dISD/dt = 100A/µs
-
-
1.25
ns
NOTES:
2. Pulsed: pulse duration = 300
µs maximum, duty cycle = 2%.
3. Repititive rating: pulse width limited by maximum junction temperature.
RFG50N05L, RFP50N05L


Similar Part No. - RFG50N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFG50N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
   50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Intersil Corporation
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
   45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com