Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX63T Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RX63T
Description  Renesas MCUs
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX63T Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RX63T_15 Datasheet HTML 5Page - Renesas Technology Corp RX63T_15 Datasheet HTML 6Page - Renesas Technology Corp RX63T_15 Datasheet HTML 7Page - Renesas Technology Corp RX63T_15 Datasheet HTML 8Page - Renesas Technology Corp RX63T_15 Datasheet HTML 9Page - Renesas Technology Corp RX63T_15 Datasheet HTML 10Page - Renesas Technology Corp RX63T_15 Datasheet HTML 11Page - Renesas Technology Corp RX63T_15 Datasheet HTML 12Page - Renesas Technology Corp RX63T_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 183 page
background image
R01DS0087EJ0210 Rev.2.10
Page 9 of 182
Sep 26, 2013
RX63T Group
1. Overview
Note 1. For the MTU3 and GPT, the number of pins will differ with the package. See the list of pins and pin functions for details.
In addition, the CAN module is an optional function. For details, see Table 1.3.
Note 2. Not provided for the product ID code O.
Table 1.2
Comparison of Functions for Different Packages
Functions
RX63T Group
Package
144 Pins
120 Pins
112 Pins
100 Pins
64 Pins
48 Pins
External bus
16 bits
External address space
1 Mbyte × 4 areas
DMA
DMA controller (DMACA)
Ch. 0 to 3
Data transfer controller (DTCa)
Supported
Interrupt
controller (ICUb)
NMI pin
Supported
IRQ pin
Supported (x 8)
Supported (x 6)
Timers
Multi-function timer pulse unit 3
(MTU3)*1
Ch. 0 to 7
General
PWM timer
(GPT)*1
Generation of
delays in PWM,
not supported
Ch. 0 to 7
Ch. 0 to 3
Generation of
delays in PWM,
supported
Ch. 0 to 3
Port output enable 3 (POE3)
Supported (POE pins × 6)
Supported
(POE pins
× 5)
Supported
(POE pins × 4)
Compare match timer (CMT)
Ch. 0 to 3
Watchdog timer (WDTA)
Supported
Independent watchdog timer
(IWDTa)
Supported
Communication
function
USB2.0 host/function module
(USBa)
Ch. 0
Serial communications
interfaces (SClc)
Ch. 0 to 3
Ch. 0 to 2
Ch. 0, 1
Serial communications
interfaces (SCld)
Ch. 12
I2C bus interfaces (RIIC)
Ch. 0, 1
Ch. 0
Serial peripheral interfaces
(RSPI)
Ch. 0, 1
Ch. 0
CAN module (CAN)
(as an optional function)*1
Ch. 0
12-bit A/D converter (S12ADB)
4 channels × 2 units
8 channels
× 1 unit
(AN000 to
007)
8 channels
× 1 unit
(AN000 to
004, 007)
Three-channel simultaneous
sampling function
2 units
1 unit
Programmable gain amplifier
3 channels × 2 units
Window comparator
3 channels × 2 units
3 channels × 1 unit
10-bit A/D converter (ADA)
20
channels
12 channels
D/A converter (DAa)
Ch. 0, 1
Clock Frequency Accuracy Measurement Circuit
Supported
Digital power supply controller (DPC)*2
Supported
Not supported


Similar Part No. - RX63T_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
More results

Similar Description - RX63T_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com