Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7189B Datasheet(PDF) 75 Page - Analog Devices

Part # ADV7189B
Description  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189B Datasheet(HTML) 75 Page - Analog Devices

Back Button ADV7189B_15 Datasheet HTML 71Page - Analog Devices ADV7189B_15 Datasheet HTML 72Page - Analog Devices ADV7189B_15 Datasheet HTML 73Page - Analog Devices ADV7189B_15 Datasheet HTML 74Page - Analog Devices ADV7189B_15 Datasheet HTML 75Page - Analog Devices ADV7189B_15 Datasheet HTML 76Page - Analog Devices ADV7189B_15 Datasheet HTML 77Page - Analog Devices ADV7189B_15 Datasheet HTML 78Page - Analog Devices ADV7189B_15 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
ADV7189B
Rev. B | Page 75 of 104
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
0x0F
Power
Management
Reserved
0
0
Set to default
0
Chip power down
controlled by pin
PDBP. Power-down bit priority
selects between PWRDN bit or PIN.
1
Bit has priority (pin
disregarded)
Reserved
0
0
Set to default
0
System functional
PWRDN. Power down places the
decoder in a full power-down
mode.
1
Powered down
See PDBP, 0x0F Bit 2.
Reserved
0
Set to default
0
Normal operation
RES. Chip reset loads all I2C bits
with default values.
1
Start reset sequence
Executing reset takes
approx. 2 ms. This bit
is self-clearing.
0x10
IN_LOCK
x
In lock (right now) = 1
LOST_LOCK
x
Lost lock (since last read) = 1
Status
Register 1.
Read-Only.
FSC_LOCK
x
FSC lock (right now) = 1
FOLLOW_PW
x
Peak white AGC mode
active = 1
Provides information
about the internal
status of the
decoder.
0
0
0
NTSM-MJ
0
0
1
NTSC-443
0
1
0
PAL-M
0
1
1
PAL-60
1
0
0
PAL-BGHID
1
0
1
SECAM
1
1
0
PAL combination N
AD_RESULT[2:0]. Autodetection
result reports the standard of the
Input video.
1
1
1
SECAM 525
Detected standard.
COL_KILL.
x
Color kill is active = 1
Color kill.
0x11
IDENT
Read-Only
IDENT[7:0] Provides identification
on the revision of the part.
x
x
x
x
x
x
x
x
ADV7189B = 0x13
0x12
MVCS DET
x
MV color striping detected
1 = Detected
MVCS T3
x
MV color striping type
0 = Type 2,
1 = Type 3
MV PS DET
x
MV pseudo sync detected
1 = Detected
MV AGC DET
x
MV AGC pulses detected
1 = Detected
LL NSTD
x
Nonstandard line length
1 = Detected
FSC NSTD
x
Fsc frequency
nonstandard
1 = Detected
Status
Register 2.
Read-Only.
Reserved
x
x
0x13
INST_HLOCK
x
1 = horizontal lock
achieved
Unfiltered
GEMD
x
1 = Gemstar data detected
SD_OP_50HZ
x
SD 60 Hz detected
Reserved
x
SD 50 Hz detected
SD Field rate detect
FREE_RUN_ACT
x
1 = Free-run mode active
Blue screen output
STD FLD_LEN
x
1 = Field length standard
Correct Field length
found
INTERLACED
x
1 = Interlaced video
detected
Field sequence found
Status
Register 3.
Read-Only.
PAL_SW_LOCK
x
1 = Swinging burst
detected
Reliable swinging
burst sequence
Reserved
0
0
1
0
Set to default
0
Current sources switched
off
CCLEN. Current clamp enable
allows the user to switch off the
current sources in the analog front.
1
Current sources enabled
0x14
Analog
Clamp
Control
Reserved
0
0
0
Set to default


Similar Part No. - ADV7189B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189BBSTZ268H AD-ADV7189BBSTZ268H Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BBSTZ268H2 AD-ADV7189BBSTZ268H2 Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BKSTZ10F AD-ADV7189BKSTZ10F Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BKSTZ10F2 AD-ADV7189BKSTZ10F2 Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results

Similar Description - ADV7189B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com