Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7181 Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7181
Description  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7181_15 Datasheet HTML 30Page - Analog Devices ADV7181_15 Datasheet HTML 31Page - Analog Devices ADV7181_15 Datasheet HTML 32Page - Analog Devices ADV7181_15 Datasheet HTML 33Page - Analog Devices ADV7181_15 Datasheet HTML 34Page - Analog Devices ADV7181_15 Datasheet HTML 35Page - Analog Devices ADV7181_15 Datasheet HTML 36Page - Analog Devices ADV7181_15 Datasheet HTML 37Page - Analog Devices ADV7181_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
ADV7181
Rev. B | Page 34 of 104
CG[11:0] Chroma Gain, Address 0x2D [3:0];
Address 0x2E [7:0] CMG[11:0] Chroma Manual Gain,
Address 0x2D [3:0]; Address 0x2E [7:0]
Chroma gain [11:0] is a dual-function register:
If written to, a desired manual chroma gain can be
programmed. This gain becomes active if the CAGC[1:0]
mode is switched to manual fixed gain.
Refer to Equation 2 for calculating a desired gain.
If read back, this register returns the current gain value.
Depending on the setting in the CAGC[1:0] bits, this is one
of the following values:
o
Chroma manual gain value (CAGC[1:0] set to chroma
manual gain mode).
o
Chroma automatic gain value (CAGC[1:0] set to any
of the automatic modes).
Table 71. CG/CMG Function
CG[11:0]/CMG[11:0]
Read/Write
Description
CMG[11:0]
Write
Manual gain for chroma
path.
CG[11:0]
Read
Currently active gain.
()
4
...
0
1024
4095
0
_
=
<
=
CG
Gain
Chroma
(2)
Example
Freezing the automatic gain loop and reading back the
CG[11:0] register results in a value of 0x47A.
1.
Convert the read back value to decimal:
0x47A = 1146d
2.
Apply Equation 2 to convert the readback value:
1146/1024 = 1.12
CKE Color Kill Enable, Address 0x2B [6]
The Color Kill Enable bit allows the optional color kill function
to be switched on or off.
For QAM-based video standards (PAL and NTSC) as well as
FM-based systems (SECAM), the threshold for the color kill
decision is selectable via the CKILLTHR[2:0] bits.
If color kill is enabled, and if the color carrier of the incoming
video signal is less than the threshold for 128 consecutive video
lines, color processing is switched off (black and white output).
To switch the color processing back on, another 128 consecutive
lines with a color burst greater than the threshold are required.
The color kill option only works for input signals with a modu-
lated chroma part. For component input (YPrPb), there is no
color kill.
Table 72. CKE Function
CKE
Description
0
Color kill disabled.
1 (default)
Color kill enabled.
CKILLTHR[2:0] Color Kill Threshold, Address 0x3D [6:4]
The CKILLTHR[2:0] bits allow the user to select a threshold
for the color kill function. The threshold only applies to QAM-
based (NTSC and PAL) or FM modulated (SECAM) video
standards.
To enable the color kill function, the CKE bit must be set. For
settings 000, 001, 010, and 011, chroma demodulation inside
the ADV7181 may not work satisfactorily for poor input video
signals.
Table 73. CKILLTHR Function
Description
CKILLTHR[2:0]
SECAM
NTSC, PAL
000
No color kill
Kill at < 0.5%
001
Kill at < 5%
Kill at < 1.5%
010
Kill at < 7%
Kill at < 2.5%
011
Kill at < 8%
Kill at < 4.0%
100 (default)
Kill at < 9.5%
Kill at < 8.5%
101
Kill at < 15%
Kill at < 16.0%
110
Kill at < 32%
Kill at < 32.0%
111
Reserved for ADI internal use only. Do not
select.


Similar Part No. - ADV7181_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181B AD-ADV7181B Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBCPZ AD-ADV7181BBCPZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBSTZ AD-ADV7181BBSTZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BCP AD-ADV7181BCP Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BST AD-ADV7181BST Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
More results

Similar Description - ADV7181_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com