Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP30P05 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP30P05
Description  30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP30P05 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP30P05 Datasheet HTML 1Page - Intersil Corporation RFP30P05 Datasheet HTML 2Page - Intersil Corporation RFP30P05 Datasheet HTML 3Page - Intersil Corporation RFP30P05 Datasheet HTML 4Page - Intersil Corporation RFP30P05 Datasheet HTML 5Page - Intersil Corporation RFP30P05 Datasheet HTML 6Page - Intersil Corporation RFP30P05 Datasheet HTML 7Page - Intersil Corporation RFP30P05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-128
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
-20
-10
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
-30
-40
2
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
-200
-100
-10
-1
-1
-10
-100
VDS, DRAIN TO SOURCE VOLTAGE (V)
100ms
10ms
1ms
100
µs
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
VDSS MAX = -50V
DC
TC = 25
oC
10-5
10-4
10-3
10-2
10-1
100
101
-100
t, PULSE WIDTH (s)
VGS = -10V
-10
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
175
T
C
150
---------------------


=
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
-500
VGS = -20V
TC = 25
oC
RFG30P05, RFP30P05, RF1S30P05SM


Similar Part No. - RFP30P05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP30P05 VBSEMI-RFP30P05 Datasheet
940Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - RFP30P05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG30P06 INTERSIL-RFG30P06 Datasheet
71Kb / 8P
   30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
   8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
BUZ11 FAIRCHILD-BUZ11 Datasheet
81Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com