Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7162 Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7162
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7162 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7162_15 Datasheet HTML 11Page - Analog Devices ADV7162_15 Datasheet HTML 12Page - Analog Devices ADV7162_15 Datasheet HTML 13Page - Analog Devices ADV7162_15 Datasheet HTML 14Page - Analog Devices ADV7162_15 Datasheet HTML 15Page - Analog Devices ADV7162_15 Datasheet HTML 16Page - Analog Devices ADV7162_15 Datasheet HTML 17Page - Analog Devices ADV7162_15 Datasheet HTML 18Page - Analog Devices ADV7162_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ADV7160/ADV7162
REV. 0
–15–
(Continued from page 1)
The ADV7160/ADV7162 integrates a number of graphic func-
tions onto one device allowing 24-bit direct True-Color (30-bit
Corrected-Color) operation at the maximum screen resolution
of 1600
× 1280 at a refresh rate of 85 Hz. The ADV7160/
ADV7162 integrates a 256
× 30 Color Palette RAM with three
high speed, 10-bit, digital-to analog converters (RGB DACs).
It also contains a user-definable, X-Windows compatible, 64
×
64
× 2 cursor generator and associated RAM. An on-board
Overlay Palette RAM is also included. The device’s 96-bit Pro-
grammable Pixel Port enables various data formats to be input
to the part. An on-board clock and synchronization circuit
controls all clocking functions for both the part and graphics
subsystem.
There are two video data paths through the ADV7160/ADV7162.
One routes the data from the pixel port through the RAM to the
DACs, the other bypasses the RAM and routes data direct from
the pixel port to the DACs. Either path can be selected on a
pixel by pixel basis. This allows for the overlay of an active
video window on a graphics background.
The on-board palette priority select inputs enable multiple pal-
ette devices to be connected together for use in multipalette and
window applications. The part is controlled and programmed
through the microprocessor (MPU) port.
one TTL input signal PLLREF are required to get the part
operational. No additional signals or external glue logic are re-
quired to get the Pixel Port and Clock Control Circuit of the
part operational.
MULTIPLEXER
24
24
24
24
24
8
8
8
RED
GREEN
BLUE
A
B
C
D
Figure 15. Multiplexed Color Inputs for the
ADV7160/ADV7162
Pixel Port (Color Data)
The ADV7160/ADV7162 has 96 color data inputs. The part
has four (for 4:1 multiplexing) 24-bit wide direct color data in-
puts. These are user programmed to support a number of color
data formats including 24-bit True-Color, 16-bit True-Color,
15-bit True-Color in 4:1 and 2:1 multiplex modes, and 8-bit
Pseudo-Color (see “Multiplexing” section) in 8:1, 4:1 and 2:1
multiplex modes.
Color data is latched into the parts pixel port on every rising
edge of LOADIN (see Timing Waveform, Figure 4). The
required frequency of LOADIN is determined by the multiplex
rate, where
fLOADIN = fCLOCK/8
8:1 multiplex mode
fLOADIN = fCLOCK/4
4:1 multiplex mode
fLOADIN = fCLOCK/2
2:1 multiplex mode
CIRCUIT DETAILS AND
OPERATION
OVERVIEW
Digital video or pixel data is latched into the ADV7160/ADV7162
over the devices Pixel Port. This data acts as a pointer to on-
board Color Palette RAM. The data at the RAM address pointed
to is latched to the digital-to-analog converters (DACs) and out-
put as an RGB analog video signal.
For the purposes of clarity of description, the ADV7160/ADV7162
is broken down into three separate functional blocks. These are:
1. Pixel Port and Clock Control Circuit
2. MPU Port, Registers and Color Palette
3. Digital-to-Analog Converters and Video Outputs
Pixel Port & Clock Control Circuit
The Pixel Port of the ADV7160/ADV7162 is directly interfaced
to the video/graphics pipeline of a computer graphics subsystem.
It is connected directly or through a gate array to the video
RAM of the systems Frame-Buffer (video memory). The pixel
port on the device consists of:
Color Data
RED, GREEN, BLUE
Pixel Controls
SYNC
, BLANK, TRISYNC
Palette Selects
PS0A-D, PS1A-D
The associated clocking signals for the pixel port include:
Clock Inputs
CLOCK, CLOCK, PLLREF,
LOADIN, SCKIN
Clock Outputs
LOADOUT, PRGCKOUT,
SCKOUT
These on-board clock control signals are included to simplify in-
terfacing between the part and the frame buffer. Either two
control input signals CLOCK and CLOCK (ECL Levels) or
The 30 bits of resolution, associated with the color look-up table
and triple 10-bit DAC, realizes 24-bit True-Color resolution,
while also allowing for the on-board implementation of linear-
ization algorithms, such as Gamma-Correction and Monitor
Callibration. This allows effective 30-bit True-Color operation.
The on-chip video clock controller circuit generates all the inter-
nal clocking and some additional external clocking signals. The
high accuracy, low jitter on board PLL eliminates the need for
an external high speed clock generator. The PLL can be pro-
grammed to produce a pixel clock that is a multiple of the PLL
reference clock.
The ADV7162 is packaged in a standard plastic 160-pin quad
flatpack (QFP).
The ADV7160 is packaged in a plastic 160-pin power quad
flatpack (PQUAD). Superior thermal distribution is achieved by
the inclusion of a copper heatslug, within the standard package
outline, to which the die is attached. This part is ideally suited
for high performance applications where external environmental
conditions are unpredictable and uncontrollable.


Similar Part No. - ADV7162_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7162KS140 AD-ADV7162KS140 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162KS170 AD-ADV7162KS170 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162KS220 AD-ADV7162KS220 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results

Similar Description - ADV7162_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com