Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RNA53A27F Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. RNA53A27F
Description  System Organizer IC for Dedicate Microcomputer
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RNA53A27F Datasheet(HTML) 1 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R03DS0022EJ0300 Rev.3.00
Page 1 of 6
Jun 26, 2013
Target Specification Datasheet
RNA53A27F
System Organizer IC for Dedicate Microcomputer
Description
RNA53A27F is reset function and reference voltage output for microcontroller has been installed.
Provide support for Renesas MCU operation.
Features
• Reset detection voltage: 2.745 V ± 1%
• Standard voltage: 3.050 V ± 0.8%
• Delay time: 50,100 ms (fine regulation by resistance is possible)
• Corresponds to manual reset
• Sleep mode is installed
Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RNA53A27FUSH1
SSOP-8
PVSP0008KA-A
US
H (3,000 pcs/reel)
1 (Sn/Bi)
Application
• Power supply voltage monitoring for microprocessors
• Computers and notebook computers
• Digital still camera, digital video camera, and PDA
Block Diagram
72
1
38
4
6
5
+
VDD
ROSC
R1
R2
I1
Vref
R4
50 ms
100 ms
R3
Comp1
+
OP1
S0
GND
VREFO
VOUT
MR
SLP
I2
I3
Delay
circuit
Oscillator
R
R
R03DS0022EJ0300
Rev.3.00
Jun 26, 2013


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn