Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7160 Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7160
Description  96-Bit, 220 MHz True-Color Video RAM-DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7160 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7160_15 Datasheet HTML 22Page - Analog Devices ADV7160_15 Datasheet HTML 23Page - Analog Devices ADV7160_15 Datasheet HTML 24Page - Analog Devices ADV7160_15 Datasheet HTML 25Page - Analog Devices ADV7160_15 Datasheet HTML 26Page - Analog Devices ADV7160_15 Datasheet HTML 27Page - Analog Devices ADV7160_15 Datasheet HTML 28Page - Analog Devices ADV7160_15 Datasheet HTML 29Page - Analog Devices ADV7160_15 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
REV. 0
–26–
ADV7160/ADV7162
REGISTER PROGRAMMING
The following section describes each register, including Address
Register, Mode Register and each of the Control Registers in
terms of its configuration.
Address Register (A10–A0)
As illustrated in the previous tables, the C1 and C0 control in-
puts, in conjunction with this address register specify which
control register, or color palette location is accessed by the
MPU port. The Address Register is 11 bits wide and can be
read from as well as written to. To access the Address Register,
two consecutive MPU accesses with C1 and C0 set to Logic “0”
are required. The first one accesses the low byte; and when a
second access of the same type is performed, i.e., two consecu-
tive reads or two consecutive writes, the high byte is accessed.
If the type of access is changed, or if an access to a different reg-
ister is inserted between the first and the second, then the sec-
ond access will access the low byte again. When writing to or
reading from the color palette on a sequential basis, only the
start address needs to be written. After a red, green and blue
write sequence, the address register is automatically incremented.
Mode Register (MR1)
The mode register is a 10-bit wide register. However for pro-
gramming purposes, it may be considered as an 8-bit wide regis-
ter (MR19 and MR18 are both reserved). It is denoted as
MR17–MR10 for simplification purposes.
Figure 39 shows the various operations under the control of the
mode register. This register can be read from as well written to.
In read mode, if MR19 and MR18 are read back, they are both
returned as zeros.
MODE REGISTER BIT DESCRIPTION
Reset Control (MR10)
This bit is used to reset the pixel port sampling sequence. This
ensures that the pixel sequence ABCD starts at A. It is reset by
writing a “1” followed by a “0” followed by a “1.” This bit must
run this cycle during the initialization sequence.
RAM-DAC Resolution Control (MR11)
When this is programmed with a “1,” the RAM is 30 bits deep
(10 bits each for red, green and blue), and each of the three
DACs is configured for 10-bit resolution. When MR11 is pro-
grammed with a “0,” the RAM is 24 bits deep (8 bits each for
red, green and blue), and the DACs are configured for 8-bit
resolution. The two LSBs of the 10-bit DACs are pulled down
to zero in 8-bit RAM-DAC mode.
MPU Data Bus Width (MR12)
This bit determines the width of the MPU port. It is configured
as either a 10-bit wide (D9–D0) or 8-bit wide (D7–D0) bus.
Ten-bit data can be written to the device when configured 8-bit
wide mode. The 8 MSBs are first written on D7–D0, then the
two LSBs are written over D1–D0. Bits D9–D8 are zeros in 8-
bit mode.
Operational Mode Control (MR14–MR13)
When MR14 and MR13 are “0” the part operates in normal
mode.
Calibrate LOADIN (MR15)
This bit automatically calibrates the on-board LOADIN/
LOADOUT synchronization circuit. A “0” to “1” transition
initiates calibration. This bit is set to “0” in normal operation.
See “Pipeline Delay & Calibration” section. This bit must run
this cycle during the initialization sequence.
Palette Select Match Bits Control (MR17–MR16)
These bits allow multiple palette devices to work together.
When bits PS1 and PS0 match MR17 and MR16 respectively,
the device is selected. If these bits do not match, the device is
not selected and the analog video outputs drive 0 mA. See
“Palette Priority Select Inputs” section.
CONTROL REGISTERS
A large bank of registers plus the 64
× 64 cursor image can be
accessed through the Control Register. Access is made first by
writing the Address Register with the appropriate address to
point to the particular Control Register (see Figure 34), and
Figure 39. Mode Register 1 (MR1) (MR19–MR10)
RESERVED*
MR19
MR18
MR17
MR16
MR12
MR15
PCR4
MR13
MR11
MR10
*THESE BITS ARE READ-ONLY
RESERVED BITS.
A READ CYCLE WILL RETURN
ZEROS "00."
PALETTE SELECT
MATCH BITS CONTROL
MR16
PS0
MR17
PS1
MPU DATA BUS
WIDTH
MR12
0
8-BIT (D7–D0)
1
10-BIT (D9–D0)
OPERATIONAL MODE CONTROL
0
0
0
1
1
0
1
1
MR14 MR13
NORMAL OPERATION
RESERVED
RESERVED
RESERVED
MR14
CALIBRATE
LOADIN
MR15
RAM-DAC
RESOLUTION CONTROL
MR11
0
8-BIT
1
10-BIT
RESET
CONTROL
MR10


Similar Part No. - ADV7160_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7160KS140 AD-ADV7160KS140 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160KS170 AD-ADV7160KS170 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160KS220 AD-ADV7160KS220 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results

Similar Description - ADV7160_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com