Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7129 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7129_15 Datasheet HTML 8Page - Analog Devices ADV7129_15 Datasheet HTML 9Page - Analog Devices ADV7129_15 Datasheet HTML 10Page - Analog Devices ADV7129_15 Datasheet HTML 11Page - Analog Devices ADV7129_15 Datasheet HTML 12Page - Analog Devices ADV7129_15 Datasheet HTML 13Page - Analog Devices ADV7129_15 Datasheet HTML 14Page - Analog Devices ADV7129_15 Datasheet HTML 15Page - Analog Devices ADV7129_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADV7129
–12–
REV. 0
COMMAND REGISTER 2 (CR2)
(Address Register (A10–A0) = 411H)
This register contains a number of control bits as shown in the
diagram. CR2 is an 8-bit wide register. CR27, CR24, CR22
and CR21 are reserved and should be set to logic “0.” Figure 8
shows the various operations under the control of CR2. This
register can be read from as well as written to.
COMMAND REGISTER 2-BIT DESCRIPTION
PLL Control (CR20)
This bit resets the PLL divider when set to logic “0” and re-
leases it when set to logic “1.”
SYNCOUT
Control (CR23)
This bit is an enable for SYNCOUT. If this bit is set to logic
“1,” the SENSE output becomes a pipelined version of
CSYNC
. Otherwise the SENSE output remains unaffected.
SENSE Bit (CR25)
This output bit is used to determine the absence of a CRT
monitor. When CR25 is set to logic “1,” a CRT is not present.
With some diagnostic code, the presence of loading on the indi-
vidual RGB lines can be determined. The reference is generated
by a voltage divider from the external voltage reference on the
VREF pin. For the proper operation, the following levels should
be applied to the comparator by the IOR, IOG and IOB outputs:
DAC Low Voltage
≤ 250 mV.
DAC High Voltage
≥ 450 mV.
VCO Override Bit (CR26)
This bit is used to override the VCO and set the PLL to the
lowest frequency possible. If the external LOADIN source takes
some time before it reaches its required frequency, the internal
PLL can become unstable as it tries to track to a varying
LOADIN signal. The VCO override bit can be set to logic level
“0” and then released (set to logic level “1”) to allow the VCO
to track to the input after it has stabilized. It is required to allow
200
µs before the VCO override bit is released.
GAIN ERROR REGISTERS
(Address Register (A10–A0) = 405H–407H)
The Red, Green and Blue Gain Error Registers allow the user to
compensate for any channel-to-channel variations in the video
output system. They control internal resistors from each of the
three DAC outputs to GND, i.e., they appear in parallel with
the external termination resistor across the DAC outputs. This
allows the RGB output voltages to be adjusted as the value of
RINT is varied. A logic “1” on any of the control bits GR06 to
GR00 switches in the appropriate resistor. A logic “0” disables
or open circuits the resistor. Bit GR07 of the Gain Error
Register enables or disables the Gain Error Adjust. Figure 9
shows the typical resistor values for these internal resistances
versus RSET.
CR27
CR26
CR25
CR24
CR23
CR22
CR21
CR20
SENSE OUTPUT
0
MONITOR
PRESENT
1
MONITOR
NOT PRESENT
CR25
SYNCOUT CONTROL
0
IGNORE
1
DECODE
CR23
RESERVED
(CR27)
THIS BIT SHOULD BE
SET TO LOGIC “0”
VCO OVERRIDE
0
VCO OVERRIDE
1
NORMAL PLL
OPERATION
CR26
RESERVED
(CR24)
THIS BIT SHOULD BE
SET TO LOGIC “0”
RESERVED
(CR22, CR21)
THESE BITS SHOULD BE
SET TO LOGIC “0”
PLL RESET
0
RESET PLL
1
RELEASE PLL
CR20
Figure 8. Command Register 2
x
x
x
x
x
x
x
1
GAIN ERROR REGISTER
RSET
DACs
R6
R5 R4
R3 R2
R1 R0
INTERNAL RESISTORS
IOUT PIN
RT1
RT2
GR06 R6
GR05 R5
GR04 R4
GR03 R3
GR02 R2
GR01 R1
GR00 R0
47
923
1926
3476
6979
16610
27037
REGISTER
(RESET = 280
Ω)
(CABLE)
(MONITOR)
GR07
GR06
GR05
GR04
GR03
GR02
GR01
GR00
GAIN ERROR
CONTROL
0
DISABLE GAIN ERROR ADJ
1
ENABLE GAIN ERROR ADJ
GR07
Figure 9. Gain Error Register


Similar Part No. - ADV7129_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7129KS AD-ADV7129KS Datasheet
389Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results

Similar Description - ADV7129_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7129 AD-ADV7129 Datasheet
389Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com