Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7128 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7128
Description  CMOS 80 MHz, 10-Bit Video DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7128 Datasheet(HTML) 5 Page - Analog Devices

  ADV7128_15 Datasheet HTML 1Page - Analog Devices ADV7128_15 Datasheet HTML 2Page - Analog Devices ADV7128_15 Datasheet HTML 3Page - Analog Devices ADV7128_15 Datasheet HTML 4Page - Analog Devices ADV7128_15 Datasheet HTML 5Page - Analog Devices ADV7128_15 Datasheet HTML 6Page - Analog Devices ADV7128_15 Datasheet HTML 7Page - Analog Devices ADV7128_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADV7128
REV. 0
–5–
TERMINOLOGY
Color Video (RGB)
This usually refers to the technique of combining the three pri-
mary colors of red, green and blue to produce color pictures
within the usual spectrum. In RGB monitors, three DACs are
required, one for each color.
Gray Scale
The discrete levels of video signal between reference black and
reference white levels. A 10-bit DAC contains 1024 different
levels, while an 8-bit DAC contains 256.
Raster Scan
The most basic method of sweeping a CRT one line at a time to
generate and display images.
Reference Black Level
The maximum negative polarity amplitude of the video signal.
Reference White Level
The maximum positive polarity amplitude of the video signal.
Video Signal
That portion of the composite video signal which varies in gray
scale levels between reference white and reference black. Also
referred to as the picture signal, this is the portion which may be
visually observed.
CIRCUIT DESCRIPTION AND OPERATION
The ADV7128 contains one 10-bit D/A converter, with one in-
put channel containing a 10-bit register. Also integrated on
board the part is a reference amplifier.
Digital Inputs
Ten bits of data (color information) D0–D9 are latched into the
device on the rising edge of each clock cycle. This data is pre-
sented to the 10-bit DAC and is then converted to an analog
output waveform. See Figure 2.
CLOCK
DATA
ANALOG
OUTPUTS
I
OUT
DIGITAL
INPUTS
D0–D9
Figure 2. Video Data Input/Output
All these digital inputs are specified to accept TTL logic levels.
Clock Input
The CLOCK input of the ADV7128 is typically the pixel clock
rate of the system. It is also known as the dot rate. The dot rate,
and hence the required CLOCK frequency, will be determined
by the on-screen resolution, according to the following
equation:
Dot Rate = (Horiz Res)
× (Vert Res) × (Refresh Rate)/
(Retrace Factor)
Horiz Res
=
Number of Pixels/Line.
Vert Res
=
Number of Lines/Frame.
Refresh Rate
=
Horizontal Scan Rate. This is the rate at
which the screen must be refreshed, typi-
cally 60 Hz for a noninterlaced system or
30 Hz for an interlaced system.
Retrace Factor =
Total Blank Time Factor. This takes into
account that the display is blanked for a
certain fraction of the total duration of
each frame (e.g., 0.8).
If we, therefore, have a graphics system with a 1024
× 1024
resolution, a noninterlaced 60 Hz refresh rate and a retrace fac-
tor of 0.8, then:
Dot Rate = 1024
× 1024 × 60/0.8
= 78.6 MHz
The required CLOCK frequency is thus 78.6 MHz.
All video data and control inputs are latched into the ADV7128
on the rising edge of CLOCK, as previously described in the
“Digital Inputs” section. It is recommended that the CLOCK
input to the ADV7128 be driven by a TTL buffer (e.g.,
74F244).
100
IRE
WHITE
LEVEL
BLACK
LEVEL
17.61
0.66
0
0
mA
V
I
OUT
NOTES
1. OUTPUTS CONNECTED TO A DOUBLY TERMINATED 75
Ω LOAD.
2. V
REF
= 1.235V, R
SET
= 560
Ω.
3. RS–343A LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
Figure 3. IOUT Video Output Waveform
Table I. Video Output Truth Table for the ADV7128
Description
IOUT
1
DAC Input Data
WHITE LEVEL
17.62
3FF
VIDEO
video
data
VIDEO to BLACK
video
data
BLACK LEVEL
0
00H
NOTE
1Typical with full scale = 17.62 mA. V
REF = 1.235 V, RSET = 560
Ω.


Similar Part No. - ADV7128_15

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADV7128KR30 AD-ADV7128KR30 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR50 AD-ADV7128KR50 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR80 AD-ADV7128KR80 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results

Similar Description - ADV7128_15

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
Analog Devices
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com