Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7128 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7128
Description  CMOS 80 MHz, 10-Bit Video DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7128 Datasheet(HTML) 4 Page - Analog Devices

  ADV7128_15 Datasheet HTML 1Page - Analog Devices ADV7128_15 Datasheet HTML 2Page - Analog Devices ADV7128_15 Datasheet HTML 3Page - Analog Devices ADV7128_15 Datasheet HTML 4Page - Analog Devices ADV7128_15 Datasheet HTML 5Page - Analog Devices ADV7128_15 Datasheet HTML 6Page - Analog Devices ADV7128_15 Datasheet HTML 7Page - Analog Devices ADV7128_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADV7128
REV. 0
–4–
ABSOLUTE MAXIMUM RATINGS
*
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7 V
Voltage on Any Digital Pin . . . . . . GND –0.5 V to VAA +0.5 V
Ambient Operating Temperature (TA) . . . . . . . . 0°C to +70°C
Storage Temperature (TS) . . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase Soldering (2 minutes) . . . . . . . . . . . . . . . +220
°C
IOUT to GND
1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to VAA
NOTES
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
1Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
PIN CONFIGURATION
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
6
23
TOP VIEW
(Not to Scale)
13
14
16
15
ADV7128
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
R
SET
COMP
GND
GND
CLOCK
V
AA
I
OUT
V
AA
V
AA
V
AA
V
AA
V
AA
V
AA
V
AA
V
AA
V
AA
V
AA
V REF
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7128 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
CLOCK
Clock input (TTL compatible). The rising edge of CLOCK latches the R0–R9, G0–G9, B0–B9, SYNC and
BLANK
pixel and control inputs. It is typically the pixel clock rate of the video system. CLOCK should be driven
by a dedicated TTL buffer.
D0–D9
Data inputs (TTL compatible). Data is latched on the rising edge of CLOCK. D0 is the least significant data bit.
Unused data inputs should be connected to either the regular PCB power or ground plane.
IOUT
Current output. This high impedance current source is capable of directly driving a doubly terminated 75
coaxial cable.
RSET
Full-scale adjust control. A resistor (RSET) connected between this pin and GND, controls the magnitude of the
full-scale video signal. Note that the IRE relationships are maintained, regardless of the full-scale output current.
The relationship between RSET and the full-scale output current on IOUT is given by:
IOUT (mA) = 7,969
VREF(V)/RSET(Ω)
COMP
Compensation pin. This is a compensation pin for the internal reference amplifier. A 0.1
µF ceramic capacitor
must be connected between COMP and VAA.
VREF
Voltage reference input. An external 1.23 V voltage reference must be connected to this pin. The use of an exter-
nal resistor divider network is not recommended. A 0.1
µF decoupling ceramic capacitor should be connected be-
tween VREF and VAA.
VAA
Analog power supply (5 V
± 5%). All V
AA pins on the ADV7128 must be connected.
GND
Ground. All GND pins must be connected.


Similar Part No. - ADV7128_15

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADV7128KR30 AD-ADV7128KR30 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR50 AD-ADV7128KR50 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR80 AD-ADV7128KR80 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results

Similar Description - ADV7128_15

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
Analog Devices
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com