Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7120 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7120
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7120 Datasheet(HTML) 3 Page - Analog Devices

  ADV7120_15 Datasheet HTML 1Page - Analog Devices ADV7120_15 Datasheet HTML 2Page - Analog Devices ADV7120_15 Datasheet HTML 3Page - Analog Devices ADV7120_15 Datasheet HTML 4Page - Analog Devices ADV7120_15 Datasheet HTML 5Page - Analog Devices ADV7120_15 Datasheet HTML 6Page - Analog Devices ADV7120_15 Datasheet HTML 7Page - Analog Devices ADV7120_15 Datasheet HTML 8Page - Analog Devices ADV7120_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADV7120
REV. B
–3–
TIMING CHARACTERISTICS1
(VAA = +5 V
5%; VREF = +1.235 V; RL = 37.5
, CL = 10 pF; RSET = 560
.
ISYNC connected to IOG. All Specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
80 MHz Version
50 MHz Version
30 MHz Version
Units
Conditions/Comments
fMAX
80
50
30
MHz max
Clock Rate
tl
3
6
8
ns min
Data & Control Setup Time
t2
2
2
2
ns min
Data & Control Hold Time
t3
12.5
20
33.3
ns min
Clock Cycle Time
t4
4
7
9
ns min
Clock Pulse Width High Time
t5
4
7
9
ns min
Clock Pulse Width Low Time
t6
30
30
30
ns max
Analog Output Delay
20
20
20
ns typ
t7
3
3
3
ns max
Analog Output Rise/Fall Time
t8
3
12
15
15
ns typ
Analog Output Transition Time
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs
and outputs. See timing notes in Figure 1.
2Temperature range (T
MIN to TMAX): 0°C to +70°C
3Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
CLOCK
DATA
t
2
t
4
t
5
t
8
t
7
t
6
ANALOG OUTPUTS
(IOR, IOG, IOB, I
SYNC )
t
3
t
1
DIGITAL INPUTS
(R0-R7, G0-G7, B0-B7;
SYNC, BLANK,
REF WHITE)
NOTES
1. OUTPUT DELAY (
t
6
) MEASURED FROM THE 50% POINT OF THE RISING EDGE OF
CLOCK TO THE 50% POINT OF FULL-SCALE TRANSITION.
2. TRANSITION TIME (
t
8
) MEASURED FROM THE 50% POINT OF FULL-SCALE
TRANSITION TO WITHIN 2% OF THE FINAL OUTPUT VALUE.
3. OUTPUT RISE/FALL TIME (
t
7
) MEASURED BETWEEN THE 10% AND 90% POINTS
OF FULL TRANSITION.
Figure 1. Video Input/Output Timing


Similar Part No. - ADV7120_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7120KN30 AD-ADV7120KN30 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN30 AD-ADV7120KN30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN50 AD-ADV7120KN50 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN50 AD-ADV7120KN50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN80 AD-ADV7120KN80 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV7120_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com