Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAR64-04 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. BAR64-04
Description  PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAR64-04 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  BAR64-04 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAR64-04 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAR64-04 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BAR64-04 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Diodes
.
PIN Diodes
BAR64-04/05/06 (KAR64-04/05/06)
Typical Characterisitics
Forward current IF=f(VF)
Forward resistance rf= f (IF)
f = 100 MHz
Diode capacitance CT= f (VR)
f = 1 MHz.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn