Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV212 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV212
Description  Wavescale Video Codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV212_15 Datasheet HTML 3Page - Analog Devices ADV212_15 Datasheet HTML 4Page - Analog Devices ADV212_15 Datasheet HTML 5Page - Analog Devices ADV212_15 Datasheet HTML 6Page - Analog Devices ADV212_15 Datasheet HTML 7Page - Analog Devices ADV212_15 Datasheet HTML 8Page - Analog Devices ADV212_15 Datasheet HTML 9Page - Analog Devices ADV212_15 Datasheet HTML 10Page - Analog Devices ADV212_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADV212
Rev. B | Page 7 of 44
NORMAL HOST MODE—READ OPERATION
Table 5.
Parameter
Mnemonic
Min
Typ
Max
Unit
RD to ACK, Direct Registers and FIFO Accesses
t
ACK (direct)
1
5
1.5 × JCLK + 7.02
ns
RD to ACK, Indirect Registers
t
ACK (indirect)
1
10.5 JCLK2
15.5 × JCLK + 7.02
ns
Read Access Time, Direct Registers
tDRD (direct)
5
1.5 × JCLK + 7.02
ns
Read Access Time, Indirect Registers
tDRD (indirect)
10.5 JCLK2
15.5 × JCLK + 7.02
ns
Data Hold
tHZRD
2
8.5
ns
CS to RD Setup
tSC
0
ns
Address Setup
tSA
2
ns
CS Hold
tHC
0
ns
Address Hold
tHA
2
ns
Read Inactive Pulse Width
tRH
2.5 JCLK2
ns
Read Active Pulse Width
tRL
2.5 JCLK2
ns
Read Cycle Time, Direct Registers
tRCYC
5.0 JCLK2
ns
1
Timing relationship between ACK falling transition and HDATA valid is not guaranteed. HDATA valid hold time is guaranteed with respect to RD rising transition.
A minimum of three JCLK cycles is recommended between ACK assert and RD deassert.
2
For a definition of JCLK, see Figure 32.
ADDR
tSA
tSC
tHA
tHC
tRL
tACK
tDRD
tHZRD
tRH
tRCYC
HDATA
CS
RD
ACK
VALID
Figure 4. Normal Host Mode—Read Operation


Similar Part No. - ADV212_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV212BBCZ-115 AD-ADV212BBCZ-115 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV212BBCZ-115 AD-ADV212BBCZ-115 Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV212BBCZ-150 AD-ADV212BBCZ-150 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV212BBCZ-150 AD-ADV212BBCZ-150 Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
More results

Similar Description - ADV212_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com