Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0456DPB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0456DPB
Description  40V, 50A, 3.2m??max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0456DPB Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0456DPB_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0456DPB_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0456DPB_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0456DPB_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0456DPB_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0456DPB_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0456DPB_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS1051EJ0300 Rev.3.00
Page 1 of 6
Apr 09, 2013
Preliminary Datasheet
RJK0456DPB
40V, 50A, 3.2m
 max.
Silicon N Channel Power MOS FET
Power Switching
Features
 High speed switching
 Low drive current
 Low on-resistance
RDS(on) = 2.6 mtyp. (at VGS = 10 V)
 Pb-free
 Halogen-free
 High density mounting
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
G
D
SSS
4
1 23
5
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
40
V
Gate to source voltage
VGSS
20
V
Drain current
ID
50
A
Drain peak current
ID(pulse)
Note1
200
A
Body-drain diode reverse drain current
IDR
50
A
Avalanche current
IAP
Note 2
50
A
Avalanche energy
EAS
Note 2
20
mJ
Channel dissipation
Pch
Note3
65
W
Channel to Case Thermal Resistance
ch-C
1.92
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at L=10uH, Tch = 25
C, Rg  50 
3. Tc = 25
C
R07DS1051EJ0300
(Previous: REJ03G1879-0200)
Rev.3.00
Apr 09, 2013


Similar Part No. - RJK0456DPB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0456DPB RENESAS-RJK0456DPB_13 Datasheet
152Kb / 7P
   40V, 50A, 3.2m max. Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0456DPB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0456DPB RENESAS-RJK0456DPB_13 Datasheet
152Kb / 7P
   40V, 50A, 3.2m max. Silicon N Channel Power MOS FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_15 Datasheet
152Kb / 7P
   40V, 40A, 4.9m??max. Silicon N Channel Power MOS FET Power Switching
RJK0455DPB RENESAS-RJK0455DPB_13 Datasheet
153Kb / 7P
   40V, 45A, 3.8m max. Silicon N Channel Power MOS FET Power Switching
RJK0452DPB RENESAS-RJK0452DPB_15 Datasheet
108Kb / 7P
   40V, 45A, 3.5m??max. Silicon N Channel Power MOS FET Power Switching
RJK0453DPB RENESAS-RJK0453DPB_15 Datasheet
108Kb / 7P
   40V, 55A, 2.3m??max. Silicon N Channel Power MOS FET Power Switching
RJK0451DPB RENESAS-RJK0451DPB_15 Datasheet
108Kb / 7P
   40V, 35A, 7.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0451DPB RENESAS-RJK0451DPB_13 Datasheet
108Kb / 7P
   40V, 35A, 7.0m max. Silicon N Channel Power MOS FET Power Switching
RJK0455DPB RENESAS-RJK0455DPB_15 Datasheet
153Kb / 7P
   40V, 45A, 3.8m??max. Silicon N Channel Power MOS FET Power Switching
RJK0452DPB RENESAS-RJK0452DPB_13 Datasheet
108Kb / 7P
   40V, 45A, 3.5m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com