Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP12N06RLE Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP12N06RLE
Description  12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP12N06RLE Datasheet(HTML) 1 Page - Intersil Corporation

  RFP12N06RLE Datasheet HTML 1Page - Intersil Corporation RFP12N06RLE Datasheet HTML 2Page - Intersil Corporation RFP12N06RLE Datasheet HTML 3Page - Intersil Corporation RFP12N06RLE Datasheet HTML 4Page - Intersil Corporation RFP12N06RLE Datasheet HTML 5Page - Intersil Corporation RFP12N06RLE Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-12
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD12N06RLE, RFD12N06RLESM,
RFP12N06RLE
12A, 60V, 0.135 Ohm, N-Channel, Logic
Level, Power MOSFETs
These N-Channel logic level ESD protected power
MOSFETs are manufactured using the MegaFET process.
This process, which uses feature sizes approaching those of
LSI integrated circuits, gives optimum utilization of silicon,
resulting in outstanding performance. They were designed
for use with logic level (5V) driving sources in applications
such as programmable controllers, automotive switching,
switching regulators, switching converters, motor drivers,
relay drivers, and emitter switches for bipolar transistors.
This performance is accomplished through a special gate
oxide design which provides full rated conductance at gate
biases in the 3V to 5V range, thereby facilitating true on-off
power control directly from logic circuit supply voltages.
Formerly developmental type TA09861.
Features
• 12A, 60V
•rDS(ON) = 0.135Ω
• Electrostatic Discharge Protected
• UIS Rating Curve (Single Pulse)
• Design Optimized for 5V Gate Drive
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-251AA
JEDEC TO-252AA
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD12N06RLE
TO-251AA
12N6LE
RFD12N06RLESM
TO-252AA
12N6LE
RFP12N06RLE
TO-220AB
12N06RLE
NOTE: When ordering, use the entire part number. Add the suffix 9A to
obtain the TO-252AA variant in tape and reel, i.e., RFD12N06RLESM9A.
G
S
D
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
DRAIN
(FLANGE)
GATE
SOURCE
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
July 1999
File Number
2407.4
Data Sheet
[ /Title
(RFD1
2N06R
LE,
RFD12
N06RL
ESM,
RFP12
N06RL
E)
/Sub-
ject
(12A,
60V,
0.135
Ohm,
N-
Chan-
nel,
Logic
Level,
Power
MOS-
FETs)
/Autho
r ()
/Key-
words
(Inter-
sil
Corpo-
ration,
N-
Chan-
nel,
Logic
Level,
Power
MOS-


Similar Part No. - RFP12N06RLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP12N06RLE FAIRCHILD-RFP12N06RLE Datasheet
215Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
VBsemi Electronics Co.,...
RFP12N06RLE VBSEMI-RFP12N06RLE Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - RFP12N06RLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
   4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com