Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD14N05L Datasheet(PDF) 5 Page - Intersil Corporation

Part # RFD14N05L
Description  14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD14N05L Datasheet(HTML) 5 Page - Intersil Corporation

  RFD14N05L Datasheet HTML 1Page - Intersil Corporation RFD14N05L Datasheet HTML 2Page - Intersil Corporation RFD14N05L Datasheet HTML 3Page - Intersil Corporation RFD14N05L Datasheet HTML 4Page - Intersil Corporation RFD14N05L Datasheet HTML 5Page - Intersil Corporation RFD14N05L Datasheet HTML 6Page - Intersil Corporation RFD14N05L Datasheet HTML 7Page - Intersil Corporation RFD14N05L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-139
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 13. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 14. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260,
FIGURE 15. TRANSCONDUCTANCE vs DRAIN CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
-80
-40
0
40
80
120
160
0
0.5
1.0
1.5
2.0
TJ, JUNCTION TEMPERATURE (
oC)
200
VGS = VDS, ID = 250µA
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
ID = 250µA
800
200
0
0
5
10
15
20
25
400
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
600
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
40
30
20
10
0
20
I
G REF
()
I
G ACT
()
-------------------------
t, TIME (
µs)
80
I
G REF
()
I
GACT
()
-------------------------
5
3
2
1
0
VDD = BVDSS
VDD = BVDSS
RL = 3.57Ω
IG(REF) = 0.4mA
VGS = 5V
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
50
4
RFD14N05L, RFD14N05LSM, RFP14N05L


Similar Part No. - RFD14N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD14N05L ISC-RFD14N05L Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
RFD14N05L UMW-RFD14N05L Datasheet
668Kb / 7P
   60V N-Channel MOSFET
More results

Similar Description - RFD14N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05LSM9A FAIRCHILD-RFD14N05LSM9A Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L_04 Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com