Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RF3V49092 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. RF3V49092
Description  20A/10A, 12V, 0.060/0.140 Ohm, Logic Level, Complementary Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF3V49092 Datasheet(HTML) 3 Page - Intersil Corporation

  RF3V49092 Datasheet HTML 1Page - Intersil Corporation RF3V49092 Datasheet HTML 2Page - Intersil Corporation RF3V49092 Datasheet HTML 3Page - Intersil Corporation RF3V49092 Datasheet HTML 4Page - Intersil Corporation RF3V49092 Datasheet HTML 5Page - Intersil Corporation RF3V49092 Datasheet HTML 6Page - Intersil Corporation RF3V49092 Datasheet HTML 7Page - Intersil Corporation RF3V49092 Datasheet HTML 8Page - Intersil Corporation RF3V49092 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4-32
Electrical Specifications (P-Channel) TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, (Figure 34)
-12
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, (Figure 33)
-1
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = -12V,
VGS = 0V
TC = 25
oC-
-
-1
µA
TC = 150
oC
-
-
-50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Drain to Source On Resistance
rDS(ON)
ID = 10A, VGS = -5V, (Figures 30, 32)
-
-
0.140
Turn-On Time
tON
VDD = -6V, ID ≈ 10A, RL = 0.62Ω,
VGS = -5V, RGS = 25Ω
(Figure 31)
-
-
115
ns
Turn-On Delay Time
td(ON)
-25-
ns
Rise Time
tr
-65-
ns
Turn-Off Delay Time
td(OFF)
-40-
ns
Fall Time
tf
-45-
ns
Turn-Off Time
tOFF
-
-
110
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to -10V
VDD = -9.6V,
ID = 10A,
RL = 1.0Ω
(Figure 36)
-19
24
nC
Gate Charge at -5V
Qg(-5)
VGS = 0V to -5V
-
10
14
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to -1V
-
0.8
1.1
nC
Input Capacitance
CISS
VDS = -10V, VGS = 0V, f = 1MHz
(Figure 35)
-
775
-
pF
Output Capacitance
COSS
-
550
-
pF
Reverse Transfer Capacitance
CRSS
-
150
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
3.00
oC/W
Thermal Resistance Junction to Ambient
R
θJA
TS-001AA, and MO-169AB
-
-
62
oC/W
P-Channel Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Voltage
VSD
ISD = -10A
-
-
-1.5
V
Reverse Recovery Time
trr
ISD = -10A, dISD/dt = -100A/µs
-
-
100
ns
Typical Performance Curves (N-Channel)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
175
10
5
0
25
50
75
100
125
175
15
TC, CASE TEMPERATURE (
oC)
25
20
150
RF3V49092, RF3S49092SM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn