Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4001FH Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N4001FH
Description  General Purpose Silion Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4001FH Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4001FH Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N4001FH Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1N4001FH Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 1N4001FH Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
//htmlimg2.alldatasheet.com/htmldatasheet2/677958/KEXIN/1N4001FH/622/4/1N4001FH.png


Similar Part No. - 1N4001FH

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1N4001F KEXIN-1N4001F Datasheet
131Kb / 3P
   Rectifier Diodes
logo
SHIKUES Electronics
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
logo
AiT Semiconductor Inc.
1N4001F AITSEMI-1N4001F Datasheet
564Kb / 5P
   RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
logo
ON Semiconductor
1N4001FF ONSEMI-1N4001FF Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001FF ONSEMI-1N4001FF Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
More results

Similar Description - 1N4001FH

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1N4001FL KEXIN-1N4001FL Datasheet
1Mb / 2P
   General Purpose Silion Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com