Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49223 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RF1K49223
Description  2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49223 Datasheet(HTML) 3 Page - Intersil Corporation

  RF1K49223 Datasheet HTML 1Page - Intersil Corporation RF1K49223 Datasheet HTML 2Page - Intersil Corporation RF1K49223 Datasheet HTML 3Page - Intersil Corporation RF1K49223 Datasheet HTML 4Page - Intersil Corporation RF1K49223 Datasheet HTML 5Page - Intersil Corporation RF1K49223 Datasheet HTML 6Page - Intersil Corporation RF1K49223 Datasheet HTML 7Page - Intersil Corporation RF1K49223 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8-163
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
-1.5
-0.5
0
25
50
75
100
125
150
-1.0
-2.0
TA, AMBIENT TEMPERATURE (
oC)
-3.0
-2.5
t, RECTANGULAR PULSE DURATION (s)
10-5
10-1
100
102
0.001
10
0.1
1
10-2
103
0.01
10-4
10-3
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
PDM
t1
t2
101
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
VDS, DRAIN TO SOURCE VOLTAGE (V)
-1
-10
-100
-0.01
-1
-50
-10
-0.1
-0.1
DC
5ms
100ms
1s
10ms
VDSS(MAX) = -30V
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TA = 25
oC
t, PULSE WIDTH (s)
-100
-10
-1
10-5
10-4
10-3
10-2
10-1
100
101
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = -10V
I
= I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TA = 25
oC
VGS = -20V
RF1K49223


Similar Part No. - RF1K49223

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49223 FAIRCHILD-RF1K49223 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
RF1K4922396 FAIRCHILD-RF1K4922396 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
More results

Similar Description - RF1K49223

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49223 FAIRCHILD-RF1K49223 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49224 INTERSIL-RF1K49224 Datasheet
223Kb / 14P
   3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
   2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
   3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
Intersil Corporation
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
   25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com