Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49211 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RF1K49211
Description  7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49211 Datasheet(HTML) 1 Page - Intersil Corporation

  RF1K49211 Datasheet HTML 1Page - Intersil Corporation RF1K49211 Datasheet HTML 2Page - Intersil Corporation RF1K49211 Datasheet HTML 3Page - Intersil Corporation RF1K49211 Datasheet HTML 4Page - Intersil Corporation RF1K49211 Datasheet HTML 5Page - Intersil Corporation RF1K49211 Datasheet HTML 6Page - Intersil Corporation RF1K49211 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8-129
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
LittleFET™ is a trademark of Intersil Corporation. PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RF1K49211
7A, 12V, 0.020 Ohm, Logic Level, Single
N-Channel LittleFET™ Power MOSFET
The RF1K49211 Single N-Channel power MOSFET is
manufactured using an advanced MegaFET process. This
process, which uses feature sizes approaching those of LSI
integrated circuits, gives optimum utilization of silicon,
resulting in outstanding performance. It was designed for
use in applications such as switching regulators, switching
converters, motor drivers, relay drivers, and low-voltage bus
switches. This product achieves full-rated conduction at a
gate bias in the 3V - 5V range, thereby facilitating true on-off
power control directly from logic level (5V) integrated circuits.
Formerly developmental type TA49211.
Features
• 7A, 12V
•rDS(ON) = 0.020Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC MS-012AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
RF1K49211
MS-012AA
RF1K49211
NOTE: When ordering, use the entire part number. For ordering in
tape and reel, add the suffix 96 to the part number, i.e., RF1K4921196.
SOURCE(2)
DRAIN(8)
NC(1)
DRAIN(7)
DRAIN(6)
DRAIN(5)
SOURCE(3)
GATE(4)
BRANDING DASH
1
2
3
4
5
Data Sheet
August 1999
File Number
4303.1


Similar Part No. - RF1K49211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
More results

Similar Description - RF1K49211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49156 FAIRCHILD-RF1K49156 Datasheet
221Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
logo
Intersil Corporation
RF1K49156 INTERSIL-RF1K49156 Datasheet
142Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
August 1999
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
   7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com