Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49154 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RF1K49154
Description  2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49154 Datasheet(HTML) 4 Page - Intersil Corporation

  RF1K49154 Datasheet HTML 1Page - Intersil Corporation RF1K49154 Datasheet HTML 2Page - Intersil Corporation RF1K49154 Datasheet HTML 3Page - Intersil Corporation RF1K49154 Datasheet HTML 4Page - Intersil Corporation RF1K49154 Datasheet HTML 5Page - Intersil Corporation RF1K49154 Datasheet HTML 6Page - Intersil Corporation RF1K49154 Datasheet HTML 7Page - Intersil Corporation RF1K49154 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
1
10
100
5
0.1
10
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
5
10
0
1.5
3.0
4.5
6.0
7.5
15
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 8V
VGS = 10V
VGS = 9V
VGS = 20V
VGS = 7V
VGS = 5V
VGS = 6V
PULSE DURATION = 80
µs
TA = 25
oC
DUTY CYCLE = 0.5% MAX
04
6
8
10
2
0
4
8
12
16
20
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
150oC
-55oC
25oC
VDD = 15V
100
200
300
400
500
0
4
VGS, GATE TO SOURCE VOLTAGE (V)
26
8
10
ID = 0.5A
ID = 4A
ID = 2A
ID = 1A
VDD = 15V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
0.5
1
1.5
2
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 2A
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
0.5
0.75
1
1.25
1.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
RF1K49154


Similar Part No. - RF1K49154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49154 FAIRCHILD-RF1K49154 Datasheet
288Kb / 8P
   2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
More results

Similar Description - RF1K49154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49154 FAIRCHILD-RF1K49154 Datasheet
288Kb / 8P
   2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
   3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
   2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
RFW2N06RLE INTERSIL-RFW2N06RLE Datasheet
41Kb / 5P
   2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com