Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # GS2A
Description  SURFACE MOUNT RECTIFIER GLASS P ASSIVATED J UNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GS2A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  GS2A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GS2A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT RECTIFIER GLASS P ASSIVATED
J UNCTION
VOLTAGE- 50 to 1000 Volts CURRENT - 2.0 Amperes
FE ATURES
For surface mounted applications
Low profile package
Built-in strain relief
Easy pickand place
Plastic package has Underwriters Laboratory Flammability
Classification
94V-O
Low Forward Drop
High temperature soldering : 260 °C /10 seconds at terminals
• High temperature soldering : 260 OC / 10 seconds at ter minals
• Pb free product at available : 99% Sn above meet RoHS
environment
subst ance directive request
MECHAN ICAL D ATA
Case : JEDEC D O-214AC molded plastic
Terminals: Solder plated, solderable per MIL-STD-750 ,
Method 2026
Polarity : Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
MAXIM UM RATINGS AND ELECTRICA L CH ARACTERISTI CS
Ratings at 25°C ambient temperature unless otherw i se specified. Single phase, half wave, 60 H z , resistive or inductive load.
For capacitive load, derate curr ent by 20%.
Maximum Recurrent Peak Reverse Voltage
V R R M
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V R M S
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
V D C
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current,
at TL=75°C
I(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
super imposed on rated load (J EDEC method)
IFSM
60.0
A
Maximum Instantaneous Forward Voltage at 2.0A
V F
1.1
V
Maximum DC Reverse Current TA=25°C
at Rated DC B lock ing Vol tage TA=125°C
IR
5.0
100
A
A
Maximum Reverse Recovery Time(Note 1) TJ=25°C
T R R
2.5
s
Typical Junction Capacitance (Note 2)
C J
12
P F
Maximum Therma l Resistance(Note 3)
RθJA
25
/W
Operating and Storage Temperature Range
TJ ,TSTG
- 55 tO +1 50
SMA/DO-214AC Unit:inch(mm)
.062(1.60)
.047(1.20)
.012(.305)
.006(.152)
.008(.203 )
.002(.051)
.060(1.52)
.030(0.76)
.181(4.60)
.157(4.00)
.208(5.28)
.188(4.80)
.114(2.90)
.098(2.50)
.096(2.44)
.078(2.00)
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20150105
DATA SHEET
GS2A THRU GS2M
NOTES:
Reverse Recovery Test Condition s: IF=0.5A, IR=1.0A, I rr=0.25A
2. Measured at 1 MHz and applied Vr = 4.0 volts.
3. 8.0 mm2 ( .013mm thick ) land areas.
1.
µ
µ
µ
° C
° C
S Y M B OLS
G S2 A
G S2B
G S2D
G S2G
G S 2J
G S 2K
GS2 M
UNITS


Similar Part No. - GS2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
838Kb / 3P
   2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Chip Integration Techno...
GS2A CITC-GS2A Datasheet
91Kb / 3P
   2A Surface Mount General Purpose Rectifiers
logo
Shanghai Shunye Electro...
GS2A SY-GS2A Datasheet
1,009Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Suntan Capacitors
GS2A SUNTAN-GS2A Datasheet
205Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
GS2A GULFSEMI-GS2A Datasheet
164Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
More results

Similar Description - GS2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com