Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49092 Datasheet(PDF) 7 Page - Intersil Corporation

Part # RF1K49092
Description  3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49092 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button RF1K49092 Datasheet HTML 3Page - Intersil Corporation RF1K49092 Datasheet HTML 4Page - Intersil Corporation RF1K49092 Datasheet HTML 5Page - Intersil Corporation RF1K49092 Datasheet HTML 6Page - Intersil Corporation RF1K49092 Datasheet HTML 7Page - Intersil Corporation RF1K49092 Datasheet HTML 8Page - Intersil Corporation RF1K49092 Datasheet HTML 9Page - Intersil Corporation RF1K49092 Datasheet HTML 10Page - Intersil Corporation RF1K49092 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
9-9
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (N-Channel) (Continued)
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Typical Performance Curves (P-Channel)
FIGURE 22. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 24. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
-2.0
-1.0
-0.5
0
25
50
75
100
125
150
-1.5
-3.0
-2.5
TA, AMBIENT TEMPERATURE (
oC)
t, RECTANGULAR PULSE DURATION (s)
10-3
10-1
100
101
102
0.01
10
0.1
1
10-2
103
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
PDM
t1
t2
SINGLE PULSE
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
RF1K49092


Similar Part No. - RF1K49092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
More results

Similar Description - RF1K49092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
RF1K49224 INTERSIL-RF1K49224 Datasheet
223Kb / 14P
   3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFET??Power MOSFET
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49154 INTERSIL-RF1K49154 Datasheet
421Kb / 8P
   2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com