Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRISM24GHZCHIPSET Datasheet(PDF) 2 Page - Intersil Corporation

Part # PRISM24GHZCHIPSET
Description  Direct Sequence Spread Spectrum Wireless Transceiver Chip Set
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PRISM24GHZCHIPSET Datasheet(HTML) 2 Page - Intersil Corporation

  PRISM24GHZCHIPSET Datasheet HTML 1Page - Intersil Corporation PRISM24GHZCHIPSET Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Typical 802.11 DS-PHY System Level Performance (Note 5) (Measured at a diversity antenna port)
Receiver
• Frequency Range . . . . . . . . . . . . . . . 2.4GHz - 2.4835GHz
• Step Size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Cascaded Noise Figure . . . . . . . . . . . . . . . . . . . . . . 6.8dB
• Sensitivity . . . . . . . . -93dBm, 1 MBPS, 8E-2 FER (Note 1)
-90dBm, 2 MBPS, 8E-2 FER (Note 1)
• Input Intercept Point . . . . . . . . . . . . . . . . . . . . . . . -17dBm
• IF Frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280MHz
• IF Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17MHz
• Image Rejection . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80dB
• Adjacent Channel Rejection . . . . . . . . . . . . . . . . . . >35dB
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .2.7V - 5.5V
Transmitter
• Frequency Range . . . . . . . . . . . . . . 2.4GHz - 2.4835GHz
• Step Size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . +18dBm
• Spurious Outputs . . . . . . . . . . . . . . Targeting ISM/802.11
• Transmit Spectral Mask . . . . . . -32dBr at First Side-Lobe
• IF Frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280MHz
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .2.7V - 5.5V
General Specifications
• Targeted Standard . . . . . . . . . . . . . . . . . . . . .IEEE 802.11
• Data Rate . . . . . . . . . . . . . . . . . . . . . . . . .1 MBPS DBPSK
2 MBPS DQPSK
• Range. . . . . . . . . . . . . . . . . . . . . . . . 400ft Indoor (Note 2)
3700ft Outdoor (Note 2)
• RX/TX Switching Speed . . . . . . . . . . . . . . . . . . . . . . . . 2
µs
• Power Savings Modes
- Mode 1: 190mA at 1
µs Recovery (Notes 3, 4)
- Mode 2: 70mA at 25
µs Recovery (Notes 3, 4)
- Mode 3: 60mA at 2ms Recovery (Notes 3, 4)
- Mode 4: 30mA at 5ms Recovery (Notes 3, 4)
• Average Current
(Without Power Savings Modes) . . . . . . . 298mA (Note 6)
• Average Current
(With Power Savings Modes) . . . . . . . . . . . 60mA (Note 7)
NOTES:
1. FER = Frame Error Rate or Packet Error Rate.
2. Range Test using AND-C-107 omnidirectional antenna.
3. Supply current includes AM79C930 MAC Processor.
4. Recovery time is for the PRISM™ 2.4GHz Chip Set only and
does not include programming latency of the AM79C930 MAC
Processor.
5. Refer to Application Note AN9624 for more information on the
“PRISM™ DSSS PC Card Wireless LAN Description”.
6. Based on average current consumption for “typical” application.
7. Power savings modes refer to AN9665. Average radio current
consumption for “typical” application.
PRISM™ 2.4GHz Chip Set


Similar Part No. - PRISM24GHZCHIPSET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRISM-0700W ETC2-PRISM-0700W Datasheet
407Kb / 1P
   Multitouch projective capacitive touch LCD
PRISM-0700W-START ETC2-PRISM-0700W-START Datasheet
407Kb / 1P
   Multitouch projective capacitive touch LCD
logo
Intersil Corporation
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results

Similar Description - PRISM24GHZCHIPSET

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com