Electronic Components Datasheet Search |
|
ADUM1411 Datasheet(PDF) 11 Page - Analog Devices |
|
ADUM1411 Datasheet(HTML) 11 Page - Analog Devices |
11 / 24 page Data Sheet ADuM1410/ADuM1411/ADuM1412 DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 INSULATION CHARACTERISTICS These isolators are suitable for reinforced electrical isolation within the safety limit data only. Maintenance of the safety data is ensured by protective circuits. The asterisk (*) marked on packages denotes DIN V VDE V 0884-10 approval. Table 7. Description Conditions Symbol Characteristic Unit Installation Classification per DIN VDE 0110 For Rated Mains Voltage ≤ 150 V rms I to IV For Rated Mains Voltage ≤ 300 V rms I to III For Rated Mains Voltage ≤ 400 V rms I to II Climatic Classification 40/105/21 Pollution Degree per DIN VDE 0110, Table 1 2 Maximum Working Insulation Voltage VIORM 560 V peak Input-to-Output Test Voltage, Method B1 VIORM × 1.875 = VPR, 100% production test, tm = 1 sec, partial discharge < 5 pC VPR 1050 V peak Input-to-Output Test Voltage, Method A VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC VPR After Environmental Tests Subgroup 1 896 V peak After Input and/or Safety Test Subgroup 2 and Subgroup 3 VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC 672 V peak Highest Allowable Overvoltage Transient overvoltage, tTR = 10 seconds VTR 4000 V peak Safety-Limiting Values Maximum value allowed in the event of a failure; see Figure 4 Case Temperature TS 150 °C Side 1 Current IS1 265 mA Side 2 Current IS2 335 mA Insulation Resistance at TS VIO = 500 V RS >109 Ω Figure 4. Thermal Derating Curve, Dependence of Safety-Limiting Values with Case Temperature per DIN V VDE V 0884-10 RECOMMENDED OPERATING CONDITIONS Table 8. Parameter Symbol Min Max Unit Operating Temperature TA −40 +105 °C Supply Voltages1 VDD1, VDD2 2.7 5.5 V Input Signal Rise and Fall Times 1.0 ms 1 All voltages are relative to their respective ground. See the DC Correctness and Magnetic Field Immunity section for information on immunity to external magnetic fields. CASE TEMPERATURE (°C) 0 0 350 300 250 200 150 100 50 50 100 150 200 SIDE #1 SIDE #2 Rev. J | Page 11 of 24 |
Similar Part No. - ADUM1411_15 |
|
Similar Description - ADUM1411_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |