Electronic Components Datasheet Search |
|
ADUM1410 Datasheet(PDF) 7 Page - Analog Devices |
|
ADUM1410 Datasheet(HTML) 7 Page - Analog Devices |
7 / 24 page Data Sheet ADuM1410/ADuM1411/ADuM1412 ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V OPERATION 5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V; 3 V/5 V operation: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V; all minimum/maximum specifications apply over the entire recommended operation range, unless otherwise noted; all typical specifications are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5 V; or VDD1 = 5 V, VDD2 = 3.0 V. All voltages are relative to their respective ground. Table 3. Parameter Symbol Min Typ Max Unit Test Conditions DC SPECIFICATIONS Input Supply Current per Channel, Quiescent IDDI (Q) 5 V/3 V Operation 0.50 0.73 mA 3 V/5 V Operation 0.25 0.38 mA Output Supply Current per Channel, Quiescent IDDO (Q) 5 V/3 V Operation 0.19 0.33 mA 3 V/5 V Operation 0.38 0.53 mA ADuM1410, Total Supply Current, Four Channels1 DC to 2 Mbps VDD1 Supply Current IDD1 (Q) 5 V/3 V Operation 2.4 3.2 mA DC to 1 MHz logic signal frequency 3 V/5 V Operation 1.2 1.6 mA DC to 1 MHz logic signal frequency VDD2 Supply Current IDD2 (Q) 5 V/3 V Operation 0.8 1.0 mA DC to 1 MHz logic signal frequency 3 V/5 V Operation 1.2 1.6 mA DC to 1 MHz logic signal frequency 10 Mbps (BRWZ Version Only) VDD1 Supply Current IDD1 (10) 5 V/3 V Operation 8.6 11 mA 5 MHz logic signal frequency 3 V/5 V Operation 3.4 6.5 mA 5 MHz logic signal frequency VDD2 Supply Current IDD2 (10) 5 V/3 V Operation 1.4 1.8 mA 5 MHz logic signal frequency 3 V/5 V Operation 2.6 3.0 mA 5 MHz logic signal frequency ADuM1411, Total Supply Current, Four Channels1 DC to 2 Mbps VDD1 Supply Current IDD1 (Q) 5 V/3 V Operation 2.2 2.8 mA DC to 1 MHz logic signal frequency 3 V/5 V Operation 1.0 1.9 mA DC to 1 MHz logic signal frequency VDD2 Supply Current IDD2 (Q) 5 V/3 V Operation 0.9 1.7 mA DC to 1 MHz logic signal frequency 3 V/5 V Operation 1.7 2.4 mA DC to 1 MHz logic signal frequency 10 Mbps (BRWZ Version Only) VDD1 Supply Current IDD1 (10) 5 V/3 V Operation 5.4 7.6 mA 5 MHz logic signal frequency 3 V/5 V Operation 3.1 4.5 mA 5 MHz logic signal frequency VDD2 Supply Current IDD2 (10) 5 V/3 V Operation 2.1 3.0 mA 5 MHz logic signal frequency 3 V/5 V Operation 3.8 5.3 mA 5 MHz logic signal frequency Rev. J | Page 7 of 24 |
Similar Part No. - ADUM1410_15 |
|
Similar Description - ADUM1410_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |