Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC659A Datasheet(PDF) 12 Page - NEC

Part No. UPC659A
Description  8-BIT A/D CONVERTER FOR VIDEO PROCESSING WITH REFERENCE GENERATOR AND CLAMP CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC659A Datasheet(HTML) 12 Page - NEC

Back Button UPC659A Datasheet HTML 8Page - NEC UPC659A Datasheet HTML 9Page - NEC UPC659A Datasheet HTML 10Page - NEC UPC659A Datasheet HTML 11Page - NEC UPC659A Datasheet HTML 12Page - NEC UPC659A Datasheet HTML 13Page - NEC UPC659A Datasheet HTML 14Page - NEC UPC659A Datasheet HTML 15Page - NEC UPC659A Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
µPC659A
DIFFERENCE BETWEEN THE
µPC659 AND THE µPC659A
The following table shows the differences between the
µPC659 and the µPC659A.
This should be taken into consideration when using the
µPC659A instead of the µPC659.
Parameter
µPC659
µPC659A
Supply current
ICC
MIN.
50 mA
26 mA
VCC = 5.0 V
TYP.
79 mA
43 mA
TA = 25 ˚C
MAX.
110 mA
62 mA
Digital data output
TYP.
12 ns
20 ns
delay time
tD
MAX.
20 ns
35 ns
Internal reference
resistance
VRT pin (pin 1),
VRB pin (pin 10 )
Timing chart
1
10
VRT
VRB
AVCC
844
480
1.15 k
AGND
AGND
1
10
VRT
VRB
AVCC
1.41 k
800
1.91 k
AGND
AGND
CLK
VIN
Data
output
n – 2
n – 1
n
CLK
VIN
Data
output
n – 1
n


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn