Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847PN Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847PN
Description  NPN - PNP Silicon Multi-Chip Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847PN Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC847PN_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847PN_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847PN_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BC847PN
NPN - PNP Silicon
Multi-Chip Transistor
20-Oct-2009 Rev. C
Page 1 of 3
RoHS Compliant Product
FEATURE
Epitaxial Die Construction
Two internal isolated NPN/PNP transistors in one package
Power Dissipation
PCM : 0.2 W (Temp. = 25˚C)
Collector Current
ICM : 0.1A
Collector-base Voltage
V(BR)CBO : 50/-50 V
Operating & Storage Junction Temperature
TJ, TSTG : -55˚C~+150˚C
MARKING
7P
ABSOLUTE MAXIMUM RATINGS OF TR1 at Ta = 25°C
PARAMETER
SYMBOL
VALUE
UNITS
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
6
V
Collector Currrent – Continuous
IC
100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~ +150
ELECTRICAL CHARACTERISTICS OF TR1 (NPN Transister) at Ta = 25°C
CHARACTERISTIC
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC=10μA, IE=0
V(BR)CBO
50
V
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 0
V(BR)CEO
45
V
Emitter-Base Breakdown Voltage
IE=1μA, IC=0
V(BR)EBO
6
V
Collector Cutoff Current
VCB=30V, IE=0
ICBO
15
nA
Emitter Cutoff Current
VEB=5V, IC=0
IEBO
15
nA
DC Current Gain
VCE=5V, IC=2mA
hFE
200
450
IC=10mA, IB=0.5mA
VCE(sat)
0.25
V
Collector-emitter Saturation Voltage
IC=100mA, IB=5mA
VCE(sat)
0.6
V
IC=10mA, IB=0.5mA
VBE(sat)
0.7
V
Base-Emitter Saturation Voltage
IC=100mA, IB=5mA
VBE(sat)
0.9
V
IC=10mA, VCE=5V
VBE(On)
0.58
0.7
V
Base-Emitter Voltage
IC=10mA, VCE=5V
VBE(On)
0.72
V
Collector Output Capacitance
VCB=10V, IE=0, f=1MHz
Cob
6.0
pF
Transition Frequency
VCE=5V, IC=10mA, f=100MHz
fT
100
MHz
Noise Figure
VCE=5V, IC=0.2mA, f=1kHz
Rg=2KΩ, △f=200Hz
NF
10
dB
SOT-363

C1

B2

E2

E1

B1

C2


Similar Part No. - BC847PN_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results

Similar Description - BC847PN_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
   NPN / PNP Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT2227 WINNERJOIN-MMDT2227 Datasheet
209Kb / 2P
   Multi-Chip TRANSISTOR (NPN/PNP)
logo
Toshiba Semiconductor
TPC6901A TOSHIBA-TPC6901A Datasheet
233Kb / 7P
   Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
TPC6902 TOSHIBA-TPC6902 Datasheet
204Kb / 7P
   Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
MMDT2907A SECOS-MMDT2907A Datasheet
2Mb / 3P
   PNP Silicon Multi-Chip Transistor
MMDT5401 SECOS-MMDT5401 Datasheet
533Kb / 2P
   Multi-Chip (PNPPNP) Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT3906 WINNERJOIN-MMDT3906_15 Datasheet
176Kb / 1P
   PNP Multi-Chip TRANSISTOR
MMDT5451 WINNERJOIN-MMDT5451 Datasheet
83Kb / 2P
   Multi-Chip General Purpose TRANSISTOR (PNP and NPN)
logo
Shenzhen Jin Yu Semicon...
BC857S HTSEMI-BC857S Datasheet
3Mb / 1P
   Multi-Chip TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
MMDT3906 WINNERJOIN-MMDT3906 Datasheet
176Kb / 1P
   Multi-Chip TRANSISTOR (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com