Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60M3DPQ-E0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJH60M3DPQ-E0
Description  600V - 17A - IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60M3DPQ-E0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RJH60M3DPQ-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 9Page - Renesas Technology Corp RJH60M3DPQ-E0_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RJH60M3DPQ-E0
Preliminary
R07DS1086EJ0200 Rev.2.00
Page 6 of 9
Jun 13, 2013
010
30
20
70
40
60
50
20
10
50
40
30
0
Gate Charge Qg (nC)
Diode Current Slope di/dt (A/
μs)
Dynamic Input Characteristics (Typical)
800
600
400
200
0
16
12
8
4
0
VCC = 300 V
IC = 17 A
Tc = 25°C
VGE
VCE
Typical Capacitance vs.
Collector to Emitter Voltage
Reverse Recovery Time vs.
Diode Current Slope (Typical)
Collector to Emitter Voltage VCE (V)
80
40
200
160
120
0
0
40
80
200
120
160
0
40
80
200
120
160
VCC = 300 V
IF = 17 A
Tc = 150°C
25°C
Diode Current Slope di/dt (A/
μs)
Reverse Recovery Current vs.
Diode Current Slope (Typical)
Diode Current Slope di/dt (A/
μs)
Reverse Recovery Charge vs.
Diode Current Slope (Typical)
0.2
0.1
0.5
0.4
0.3
0
VCC = 300 V
IF = 17 A
Tc = 150°C
25°C
8
4
16
12
0
0
40
80
200
120
160
VCC = 300 V
IF = 17 A
Tc = 150°C
25°C
25°C
C-E Diode Forward Voltage VCEF (V)
Forward Current vs. Forward Voltage (Typical)
0
0.4
0.8
1.2
1.6
2.0
2.4
VGE = 0 V
Pulse Test
Tc = 150°C
1
10
100
1000
1000
0
100
50
150
200
250
300
Cies
Coes
Cres
VGE = 0 V
f = 1 MHz
Tc = 25°C


Similar Part No. - RJH60M3DPQ-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0 Datasheet
212Kb / 10P
   600V - 17A - IGBT Application: Inverter
More results

Similar Description - RJH60M3DPQ-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60V3BDPP-M0 RENESAS-RJH60V3BDPP-M0_15 Datasheet
103Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60D3DPE RENESAS-RJH60D3DPE_15 Datasheet
107Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60V3BDPP-M0 RENESAS-RJH60V3BDPP-M0 Datasheet
103Kb / 10P
   600V - 17A - IGBT Application: Inverter
May 25, 2012
RJH60M3DPP-M0 RENESAS-RJH60M3DPP-M0_15 Datasheet
105Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60V3BDPE RENESAS-RJH60V3BDPE_15 Datasheet
99Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0_15 Datasheet
108Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60M3DPE RENESAS-RJH60M3DPE_15 Datasheet
100Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0 Datasheet
212Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60V3BDPE RENESAS-RJH60V3BDPE Datasheet
98Kb / 10P
   600V - 17A - IGBT Application: Inverter
May 25, 2012
logo
Fairchild Semiconductor
FDP17N60N FAIRCHILD-FDP17N60N Datasheet
766Kb / 9P
   N-Channel MOSFET 600V, 17A, 0.34廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com