Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC836 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC836
Description  MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836 Datasheet(HTML) 3 Page - Analog Devices

  ADUC836_15 Datasheet HTML 1Page - Analog Devices ADUC836_15 Datasheet HTML 2Page - Analog Devices ADUC836_15 Datasheet HTML 3Page - Analog Devices ADUC836_15 Datasheet HTML 4Page - Analog Devices ADUC836_15 Datasheet HTML 5Page - Analog Devices ADUC836_15 Datasheet HTML 6Page - Analog Devices ADUC836_15 Datasheet HTML 7Page - Analog Devices ADUC836_15 Datasheet HTML 8Page - Analog Devices ADUC836_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
ADuC836
–2–
ADuC836
–3–
(AVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V, DVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V,
REFIN(+) = 2.5 V; REFIN(–) = AGND; AGND = DGND = 0 V; XTAL1/XTAL2 =
32.768 kHz Crystal; all specifications TMIN to TMAX, unless otherwise noted.)
Parameter
ADuC836
Test Conditions/Comments
Unit
ADC SPECIFICATIONS
Conversion Rate
5.4
On Both Channels
Hz min
105
Programmable in 0.732 ms Increments
Hz max
Primary ADC
No Missing Codes2
16
20 Hz Update Rate
Bits min
Resolution
13.5
Range = ±20 mV, 20 Hz Update Rate
Bits p-p typ
16
Range = ±2.56 V, 20 Hz Update Rate
Bits p-p typ
Output Noise
See Tables X and XI in
Output Noise Varies with Selected
ADuC836 ADC Description Update Rate and Gain Range
Integral Nonlinearity
±15
1 LSB
ppm of FSR max
Offset Error3
±3
V typ
Offset Error Drift
±10
nV/°C typ
Full-Scale Error4
±10
Range = ±20 mV to ±640 mV
V typ
±0.5
Range = ±1.28 V to ±2.56 V
LSB typ
Gain Error Drift5
±0.5
ppm/°C typ
ADC Range Matching
±2
AIN = 18 mV
V typ
Power Supply Rejection (PSR)
95
AIN = 7.8 mV, Range = ±20 mV
dBs typ
80
AIN = 1 V, Range = ±2.56 V
dBs typ
Common-Mode DC Rejection
On AIN
95
At DC, AIN = 7.8 mV, Range = ±20 mV
dBs typ
113
At DC, AIN = 1 V, Range = ±2.56 V
dBs typ
On REFIN
125
At DC, AIN = 1 V, Range = ±2.56 V
dBs typ
Common-Mode 50 Hz/60 Hz Rejection
20 Hz Update Rate
On AIN
95
50 Hz/60 Hz ±1 Hz, AIN = 7.8 mV,
dBs typ
Range = ±20 mV
90
50 Hz/60 Hz ±1 Hz, AIN = 1 V,
dBs typ
Range = ±2.56 V
On REFIN
90
50 Hz/60 Hz ±1 Hz, AIN = 1 V,
dBs typ
Range = ±2.56 V
Normal Mode 50 Hz/60 Hz Rejection
On AIN
60
50 Hz/60 Hz ±1 Hz, 20 Hz Update Rate
dBs typ
On REFIN
60
50 Hz/60 Hz ±1 Hz, 20 Hz Update Rate
dBs typ
Auxiliary ADC
No Missing Codes2
16
Bits min
Resolution
16
Range = ±2.5 V, 20 Hz Update Rate
Bits p-p typ
Output Noise
See Table XII in ADuC836
Output Noise Varies with Selected
ADC Description
Update Rate
Integral Nonlinearity
±15
ppm of FSR max
Offset Error3
–2
LSB typ
Offset Error Drift
1
V/°C typ
Full-Scale Error6
–2.5
LSB typ
Gain Error Drift5
±0.5
ppm/°C typ
Power Supply Rejection (PSR)
80
AIN = 1 V, 20 Hz Update Rate
dBs typ
Normal Mode 50 Hz/60 Hz Rejection
On AIN
60
50 Hz/60 Hz ±1 Hz
dBs typ
On REFIN
60
50 Hz/60 Hz ±1 Hz, 20 Hz Update Rate
dBs typ
DAC PERFORMANCE
DC Specifications7
Resolution
12
Bits
Relative Accuracy
±3
LSB typ
Differential Nonlinearity
–1
Guaranteed 12-Bit Monotonic
LSB max
Offset Error
±50
mV max
Gain Error8
±1
AVDD Range
% max
±1
VREF Range
% typ
AC Specifications2, 7
Voltage Output Settling Time
15
Settling Time to 1 LSB of Final Value
s typ
Digital-to-Analog Glitch Energy
10
1 LSB Change at Major Carry
nVs typ
SPECIFICATIONS1
REV. A
REV. A


Similar Part No. - ADUC836_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836BCP AD-ADUC836BCP Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836BCP AD-ADUC836BCP Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836BCP AD-ADUC836BCP Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit
REV. A
ADUC836BS AD-ADUC836BS Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836BS AD-ADUC836BS Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results

Similar Description - ADUC836_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com