Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0604DPD Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0604DPD
Description  60V, 5A Silicon N Channel Thermal FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0604DPD Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0604DPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0604DPD
Target Specifications
R07DS0713EJ0200 Rev.2.00
Page 5 of 7
Nov 05, 2013
16
12
14
10
8
4
6
2
0
100
μ
100 m
200
180
160
140
120
0
100
2
4
68
10
ID = 0.5 A
1 m
10 m
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
24 V
VDD = 16 V
Gate to Source Voltage
VGS (V)
Shutdown Case Temperature vs.
Gate to Source Voltage
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test
Pw (S)
10
1
0.1
0.01
10
μ
100
μ
1 m10 m100 m1
10
DM
P
PW
T
D =
PW
T
θch - c(t) = γs (t) • θch - c
θch - c = 4.17°C/W, Tc = 25°C
Tc = 25°C
D = 1
0.5
0.01
0.02
0.05
0.1
0.2
1shot
pu
lse


Similar Part No. - RJF0604DPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604DPD-00-J3 RENESAS-RJF0604DPD-00-J3 Datasheet
94Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - RJF0604DPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0610DSP RENESAS-RJF0610DSP_16 Datasheet
289Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0610JSP RENESAS-RJF0610JSP_16 Datasheet
287Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE_15 Datasheet
101Kb / 8P
   60V-40A Silicon N Channel Thermal FET
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0612JPE RENESAS-RJF0612JPE_15 Datasheet
106Kb / 8P
   60V - 50A - N Channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com