Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC816 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUC816
Description  MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC816 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUC816_15 Datasheet HTML 3Page - Analog Devices ADUC816_15 Datasheet HTML 4Page - Analog Devices ADUC816_15 Datasheet HTML 5Page - Analog Devices ADUC816_15 Datasheet HTML 6Page - Analog Devices ADUC816_15 Datasheet HTML 7Page - Analog Devices ADUC816_15 Datasheet HTML 8Page - Analog Devices ADUC816_15 Datasheet HTML 9Page - Analog Devices ADUC816_15 Datasheet HTML 10Page - Analog Devices ADUC816_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
REV. 0
–7–
ADuC816
Parameter
ADuC816BS
Unit
Test Conditions/Comments
POWER REQUIREMENTS (continued)
Power Supply Currents Normal Mode
16, 17
DVDD Current
4
mA max
DVDD = 4.75 V to 5.25 V, Core CLK = 1.57 MHz
2.1
mA max
DVDD = 2.7 V to 3.6 V, Core CLK = 1.57 MHz
AVDD Current
170
μA max
AVDD = 5.25 V, Core CLK = 1.57 MHz
DVDD Current
15
mA max
DVDD = 4.75 V to 5.25 V, Core CLK = 12.58 MHz
8
mA max
DVDD = 2.7 V to 3.6 V, Core CLK = 12.58 MHz
AVDD Current
170
μA max
AVDD = 5.25 V, Core CLK = 12.58 MHz
Power Supply Currents Idle Mode
16, 17
DVDD Current
1.2
mA max
DVDD = 4.75 V to 5.25 V, Core CLK = 1.57 MHz
750
μA typ
DVDD = 2.7 V to 3.6 V, Core CLK = 1.57 MHz
AVDD Current
140
μA typ
Measured @ AVDD = 5.25 V, Core CLK = 1.57 MHz
DVDD Current
2
mA typ
DVDD = 4.75 V to 5.25 V, Core CLK = 12.58 MHz
1
mA typ
DVDD = 2.7 V to 3.6 V, Core CLK = 12.58 MHz
AVDD Current
140
μA typ
Measured at AVDD = 5.25 V, Core CLK = 12.58 MHz
Power Supply Currents Power-Down Mode
16, 17
Core CLK = 1.57 MHz or 12.58 MHz
DVDD Current
50
μA max
DVDD = 4.75 V to 5.25 V, Osc. On, TIC On
20
μA max
DVDD = 2.7 V to 3.6 V, Osc. On, TIC On
AVDD Current
1
μA max
Measured at AVDD = 5.25 V, Osc. On or Osc. Off
DVDD Current
20
μA max
DVDD = 4.75 V to 5.25 V, Osc. Off
5
μA typ
DVDD = 2.7 V to 3.6 V, Osc. Off
Typical Additional Power Supply Currents
Core CLK = 1.57 MHz, AVDD = DVDD = 5 V
(AIDD and DIDD)
PSM Peripheral
50
μA typ
Primary ADC
1
mA typ
Auxiliary ADC
500
μA typ
DAC
150
μA typ
Dual Current Sources
400
μA typ
NOTES
1Temperature Range –40
°C to +85°C.
2These numbers are not production tested but are guaranteed by Design and/or Characterization data on production release.
3The primary ADC is factory-calibrated at 25
°C with AV
DD = DVDD = 5 V yielding this full-scale error. If user power supply or temperature conditions are signifi-
cantly different from these, an Internal Full-Scale Calibration will restore this error to this level.
4Gain Error Drift is a span drift. To calculate Full-Scale Error Drift, add the Offset Error Drift to the Gain Error Drift times the full-scale input.
5The auxiliary ADC is factory-calibrated at 25
°C with AV
DD = DVDD = 5 V yielding this full-scale error of –2.5 LSB. A system zero-scale and full-scale calibration
will remove this error altogether.
6DAC linearity and AC Specifications are calculated using:
reduced code range of 48 to 4095, 0 to VREF
reduced code range of 48 to 3995, 0 to VDD.
7Gain Error is a measure of the span error of the DAC.
8In general terms, the bipolar input voltage range to the primary ADC is given by Range
ADC =
±(V
REF 2
RN)/125, where:
VREF = REFIN(+) to REFIN(–) voltage and VREF = 1.25 V when internal ADC VREF is selected.
RN = decimal equivalent of RN2, RN1, RN0, e.g., V REF = 2.5 V and RN2, RN1, RN0 = 1, 1, 0 the RangeADC =
±1.28 V.
In unipolar mode the effective range is 0 V to 1.28 V in our example.
91.25 V is used as the reference voltage to the ADC when internal V
REF is selected via XREF0 and XREF1 bits in ADC0CON and ADC1CON respectively.
10In bipolar mode, the Auxiliary ADC can only be driven to a minimum of A
GND – 30 mV as indicated by the Auxiliary ADC absolute AIN voltage limits. The bipolar
range is still –VREF to +VREF; however, the negative voltage is limited to –30 mV.
11Pins configured in I2C-compatible mode or SPI mode, pins configured as digital inputs during this test.
12Pins configured in I2C-compatible mode only.
13Flash/EE Memory Reliability Characteristics apply to both the Flash/EE program memory and Flash/EE data memory.
14Endurance is qualified to 100 Kcycles as per JEDEC Std. 22 method A117 and measured at –40
°C, +25°C and +85°C, typical endurance at 25°C is 700 Kcycles.
15Retention lifetime equivalent at junction temperature (T
J) = 55
°C as per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6eV
will derate with junction temperature as shown in Figure 27 in the Flash/EE Memory description section of this data sheet.
16Power Supply current consumption is measured in Normal, Idle, and Power-Down Modes under the following conditions:
Normal Mode: Reset = 0.4 V, Digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, Core Executing internal software loop.
Idle Mode: Reset = 0.4 V, Digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, PCON.0 = 1, Core Execution suspended in idle mode.
Power-Down Mode: Reset = 0.4 V, All P0 pins and P1.2–P1.7 pins = 0.4 V, All other digital I/O pins are open circuit, Core Clk changed via CD bits in PLLCON,
PCON.1 = 1, Core Execution suspended in power-down mode, OSC turned ON or OFF via OSC_PD bit (PLLCON.7) in PLLCON SFR.
17DV
DD power supply current will typically increase by 3 mA (3 V operation) and 10 mA (5 V operation) during a Flash/EE memory program or erase cycle.
Specifications subject to change without notice
REV. A


Similar Part No. - ADUC816_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC816BS AD-ADUC816BS Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
More results

Similar Description - ADUC816_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com