Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YSLC1202DT4 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part No. YSLC1202DT4
Description  LOW CAPACITANCE TVS DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YEASHIN [Yea Shin Technology Co., Ltd]
Homepage  http://www.yeashin.com
Logo 

YSLC1202DT4 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120705
H
YSLC1202DT4
APPLICATIONS
◆ High-Speed Data Lines
◆ Microprocessor Based Equipment
◆ LAN/WAN Equipment
◆ Notebooks, Desktops, and Servers
◆ Instrumentation
◆ RS232 / RS485 Interfaces
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
FEATURES
◆ 400 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects Two High-Speed I/O Lines
◆ Low Capacitance For High-Speed Interfaces
◆ Low Clamping And Operating Voltage
◆ RoHS Compliant
MECHANICAL CHARACTERISTICS
◆ SOT-143 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 9.0 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
SOT-143
PIN CONFIGURATION
LOW CAPACITANCE TVS DIODE ARRAY


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn