Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSR2N7272 Datasheet(PDF) 7 Page - Intersil Corporation

Part # JANSR2N7272
Description  8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

JANSR2N7272 Datasheet(HTML) 7 Page - Intersil Corporation

  JANSR2N7272 Datasheet HTML 1Page - Intersil Corporation JANSR2N7272 Datasheet HTML 2Page - Intersil Corporation JANSR2N7272 Datasheet HTML 3Page - Intersil Corporation JANSR2N7272 Datasheet HTML 4Page - Intersil Corporation JANSR2N7272 Datasheet HTML 5Page - Intersil Corporation JANSR2N7272 Datasheet HTML 6Page - Intersil Corporation JANSR2N7272 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2-9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
TO-205AF
3 LEAD JEDEC TO-205AF HERMETIC METAL CAN PACKAGE
L
A
Ø
b
ØD1
ØD
h
1
2
3
e
e1
SEATING
PLANE
90o
e2
j
k
P
45o
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.160
0.180
4.07
4.57
-
Øb
0.016
0.021
0.41
0.53
2, 3
ØD
0.350
0.370
8.89
9.39
-
ØD1
0.315
0.335
8.01
8.50
-
e
0.095
0.105
2.42
2.66
4
e1
0.190
0.210
4.83
5.33
4
e2
0.095
0.105
2.42
2.66
4
h
0.010
0.020
0.26
0.50
-
j
0.028
0.034
0.72
0.86
-
k
0.029
0.045
0.74
1.14
-
L
0.500
0.560
12.70
14.22
3
P
0.075
-
1.91
-
5
NOTES:
1. These dimensions are within allowable dimensions of Rev. E of
JEDEC TO-205AF outline dated 11-82.
2. Lead dimension (without solder).
3. Solder coating may vary along lead length, add typically 0.002
inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.100 inches (2.54mm) from bottom
of seating plane.
5. This zone controlled for automatic handling. The variation in
actual diameter within this zone shall not exceed 0.010 inches
(0.254mm).
6. Lead no. 3 butt welded to stem base.
7. Controlling dimension: Inch.
8. Revision 3 dated 6-94.
JANSR2N7272


Similar Part No. - JANSR2N7272

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
   5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7278 INTERSIL-JANSR2N7278 Datasheet
39Kb / 7P
   4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFET
More results

Similar Description - JANSR2N7272

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM130D INTERSIL-FRM130D Datasheet
47Kb / 6P
   14A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
   8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
   9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com